Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 58Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 59Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 60Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 61Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 65Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
Sensors
62
Freescale Semiconductor, Inc.
9.12.8
PULSE_WIND (0x28) register
The time step for the pulse window counter varies with the selected ODR and power modes as defined in Tables 81 and 82. The
maximum time value is equal to (time step @ ODR and power mode) x 255. Please note that when the device is operated in
hybrid mode, the effective ODR is half of what is selected in CTRL_REG1, which will double the time step value from what is
shown in Table 81 and Table 82.
Table 80. Time step for PULSE Latency @ ODR and power mode LPE_EN = 0
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.318
0.318
0.318
0.318
1.25
1.25
1.25
1.25
400
0.318
0.318
0.318
0.638
1.25
1.25
1.25
2.5
200
0.638
0.638
0.318
1.276
2.5
2.5
1.25
5
100
1.276
1.276
0.318
2.56
5
5
1.25
10
50
2.56
2.56
0.318
5.1
10
10
1.25
20
12.5
2.56
10.2
0.318
20.4
10
40
1.25
80
6.25
2.56
20.4
0.318
40.8
10
80
1.25
160
1.56
2.56
81.6
0.318
163.2
10
320
1.25
640
pls_wind[7:0]
0b00000000
Figure 77. PULSE_WIND register
Table 81. PULSE_WIND bit description
Field
Description
pls_wind[7:0]
pls_wind[7:0] defines the maximum interval of time that can elapse after the end of the latency interval in
which the start of the second pulse event must be detected provided the device has been configured for
double pulse detection. The detected second pulse width must be shorter than the time limit constraint
specified by the PULSE_TMLT register, but the end of the double pulse need not finish within the time
specified by the PULSE_WIND register.
Table 82. Time step for PULSE detection window @ ODR and power mode LPF_EN = 1
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
Low power
800
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
400
1.276
1.276
1.276
1.276
5
5
5
5
200
2.56
2.56
1.276
2.56
10
10
5
10
100
5.1
5.1
1.276
5.1
20
20
5
20
50
10.2
10.2
1.276
10.2
40
40
5
40
12.5
10.2
40.8
1.276
40.8
40
160
5
160
6.25
10.2
81.6
1.276
81.6
40
320
5
320
1.56
10.2
326
1.276
326
40
1280
5
1280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com