Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 74Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 75Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 76Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 77Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 78Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 79Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 80Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 81Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
Sensors
78
Freescale Semiconductor, Inc.
9.17.11
M_VECM_INITX_LSB (0x6E) register
9.17.12 M_VECM_INITY_MSB (0x6F) register
9.17.13 M_VECM_INITY_LSB (0x70) register
9.17.14 M_VECM_INITZ_MSB (0x71) register
m_vecm_initx[7:0]
0b00000000
Figure 132. M_VECM_INITX_LSB register
Table 102. M_VECM_INITX_LSB bit description
Field
Description
m_vecm_initx[7:0]
LSB of signed 16-bit initial X-axis value used by the magnetic vector magnitude function when
M_VECM_CFG[m_vecm_initm] = 1.
m_vecm_inity[15:8]
0b00000000
Figure 133. M_VECM_INITY_MSB register
Table 103. M_VECM_INITY_MSB bit description
Field
Description
m_vecm_inity[15:8]
MSB of signed 16-bit initial Y-axis value used by the magnetic vector magnitude function when
M_VECM_CFG[m_vecm_initm] = 1.
m_vecm_inity[7:0]
0b00000000
Figure 134. M_VECM_INITY_LSB register
Table 104. M_VECM_INITY_LSB bit description
Field
Description
m_vecm_inity[7:0]
LSB of signed 16-bit initial Y-axis value used by the magnetic vector magnitude function when
M_VECM_CFG[m_vecm_initm] = 1.
m_vecm_initz[15:8]
0b00000000
Figure 135. M_VECM_INITZ_MSB register
Table 105. M_VECM_INITZ_MSB bit description
Field
Description
m_vecm_initz[15:8]
MSB of signed 16-bit initial Z-axis value used by the magnetic vector magnitude function when
M_VECM_CFG[m_vecm_initm] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com