Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  FXOS8700CQ Datasheet HTML 1Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 2Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 3Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 4Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 5Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 6Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
Sensors
2
Freescale Semiconductor, Inc.
Applications
•
eCompass in mobile devices
•
User interface (menu scrolling by orientation change, tap detection for button replacement)
•
Orientation detection (portrait/landscape: up/down, left/right, back/front position identification)
•
Augmented Reality (AR), gaming, and real-time activity analysis (pedometry, freefall and drop detection for hard disk drives
and other devices)
•
Power management for mobile devices using inertial and magnetic event detection
•
Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
Related Documentation
The FXOS8700CQdevice features and operations are described in a variety of reference manuals, user guides, and application
notes. To find the most-current versions of these documents:
1.
Go to the Freescale homepage at:
http://www.freescale.com/
2.
In the Keyword search box at the top of the page, enter the device number FXOS8700CQ.
In the Refine Your Result pane on the left, click on the Documentation link.
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
FXOS8700CQR1
-40°C to +85°C
QFN
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com