Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 2Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 3Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 4Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 5Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 6Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Sensors
6
Freescale Semiconductor, Inc.
The function and timing of the two interrupt pins (INT1 and INT2) are user programmable through the I2C/SPI interface. The SDA
and SCL I2C connections are open drain and therefore require a pullup resistor as shown in the application diagram in Figure 3.
The INT1 and INT2 pins may also be configured for open-drain operation. If they are configured for open drain, external pullup
resistors are required.
Figure 3. Electrical connection
2.1
Soldering information
The QFN package is compliant with the RoHS standards. Please refer to Freescale application note AN4077 for more
information.
VDDIO
INT1
INT2
SDA/MOSI
SA0/MISO
RST
VDD
0.1
μF
0.1
μF
0.1
μF
4.7
μF
SCL/SCLK
SA1/CS_B
VDDIO
VDDIO
VDDIO
VDDIO
(Connect to GND if unused)
Note: Pullup resistors on INT1 and INT2 are not required if these
pins are configured for push/pull (default) operation.
0.1
μF
Note: Pullup resistors on SCL/SCLK and SDA/MOSI are not
required if the device is operated in SPI Interface mode.
1
6
2
3
4
5
13
12
11
10
9
78
16
15
14
BYP
SCL/SCLK
GND
Reserved
GND
Reserved
VDDIO
INT1
INT2
FXOS8700CQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com