Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 51Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 52Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 53Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 54Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
51
For example, an ODR of 100 Hz and a A_ FFMT_COUNT value of 15 would result in minimum debounce response time of
150 ms. If the device is operated in hybrid mode, the effective debounce response time will be 300 ms for the same settings.
Figure 55. Behavior of the A_FFMT debounce counter in relation to the a_ffmt_dbcntm setting
Table 54. A_FFMT_COUNT relationship with the ODR
High-Pass cutoff frequency (Hz)
ODR (Hz)
Max time range (s)
Time step (ms)
Normal
LPLN
High
resolution
Low power
Normal
LPLN
High
resolution
LP
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
40.8
0.638
40.8
20
160
2.5
160
1.56
5.1
163
0.638
163
20
640
2.5
640
Low-g Event on
Count Threshold
EA
all 3-axis
FF Counter
Low-g Event on
Count Threshold
(a)
all 3-axis
Debounce Counter
Low-g Event on
Count Threshold
EA
all 3-axis
a_ffmt_dbcntm = 1
(b)
EA
a_ffmt_dbcntm = 1
(c)
Debounce Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com