Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 62Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 63Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 64Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 65Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 66Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 67Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 68Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 69Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
Sensors
66
Freescale Semiconductor, Inc.
9.14.4
MAX_X_MSB (0x45), MAX_X_LSB (0x46), MAX_Y_MSB (0x47), MAX_Y_LSB (0x48),
MAX_Z_MSB (0x49), MAX_Z_LSB (0x4A) registers
The magnetometer MAX_X/Y/Z registers are 16-bit 2's complement format with a resolution of 0.1
μT/LSB. The registers are
read/write and along with the MIN_X/Y/Z registers are used to calculate the magnetic offset for each axis using the equation
(MAX_X/Y/Z + MIN_X/Y/Z) /2 when M_CTRL_REG2[maxmin_dis] = 0 (default).
When M_CTRL_REG1[m_acal] = 1 (default 0), the MAG_OFF_X/Y/Z registers are automatically updated with the calculated
offset values at the end of every measurement cycle (ODR period).
On a POR, or after setting M_CTRL_REG2[maxmin_rst] = 1, the MAX_X/Y/Z registers are loaded with the hex value 0x8000
(negative full scale).
The host application may write to the MAX_X/Y/Z registers to change the currently used maximum values for each axis, however,
when M_CTRL_REG1[maxmin_dis] = 0 (default), the system will overwrite these values when it updates the MAX_X/Y/Z
registers at the end of the next measurement cycle (ODR period).
—
—
cmp_y[13:8]
Figure 90. CMP_Y_MSB (0x3B) register
cmp_y[7:0]
Figure 91. CMP_Y_LSB (0x3C) register
—
—
cmp_z[13:8]
Figure 92. CMP_Z_MSB (0x3D) register
cmp_z[7:0]
Figure 93. CMP_Z_LSB (0x3E) register
max_x[15:8]
0b00000000
Figure 94. MAX_X_MSB register
max_x[7:0]
0b00000000
Figure 95. MAX_X_LSB register
max_y[15:8]
0b00000000
Figure 96. MAX_Y_MSB register
max_y[7:0]
0b00000000
Figure 97. MAX_Y_LSB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com