Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 37Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 38Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 39Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
39
If the FIFO data output register driver is enabled (F_SETUP[f_mode] > 00), register 0x01 points to the head of the FIFO buffer,
while registers 0x02, 0x03, 0x04, 0x05, 0x06 return a value of zero when read directly.
The DR_STATUS registers, OUT_X_MSB, OUT_X_LSB, OUT_Y_MSB, OUT_Y_LSB, OUT_Z_MSB, and OUT_Z_LSB are
stored in the auto-incrementing address range of 0x00 to 0x06, allowing all of the acceleration data to be read in a single burst
read of 6 bytes starting at the OUT_X_MSB register. If the device is operating in hybrid mode and
M_CTRL_REG2[hyb_autoinc_mode] = 1, the magnetometer data can also be read out in the same axis and endian order by
executing a burst read of 12 bytes starting at register OUT_X_MSB.
9.5
Accelerometer FIFO
9.5.1
F_SETUP (0x09) register
xd[13:6]
Figure 27. OUT_X_MSB register
xd[5:0]
—
—
Figure 28. OUT_X_LSB register
yd[13:6]
Figure 29. OUT_Y_MSB register
yd[5:0]
—
—
Figure 30. OUT_Y_LSB register
zd[13:6]
Figure 31. OUT_Z_MSB register
zd[5:0]
—
—
Figure 32. OUT_Z_LSB register
f_mode[1:0]
f_wmrk[5:0]
00
Figure 33. F_SETUP register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com