Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 10Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 11Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 12Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 13Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 14Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 15Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
Sensors
12
Freescale Semiconductor, Inc.
4.5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
SCL, SDA pin leakage
25°C
1.0
nA
-40°C to 85°C
4.0
SCL, SDA pin capacitance
3pf
BW
3 dB signal bandwidth
Magnetic or acceleration
mode
ODR/3
Hz
BW
Signal bandwidth
Hybrid mode
ODR/6
Hz
Power-on ramp time
0.001
1000
mSec
BT
Boot time(1)
900
1000
μs
Turn-on time(2)
2/ODR + 1
ms
Turn-on time(3)
2/ODR + 2
ms
Top
Operating temperature range
-40
+85
°C
1. Time from VDDIO on and VDD > VDD min until I2C ready for operation.
2. Time to obtain valid data from Standby mode to Active mode.
3. Time to obtain valid data from power-down condition.
Table 6. Maximum ratings
Rating
Symbol
Value
Unit
Maximum acceleration (all axes, 100
μs)
gmax
5,000
g
Supply voltage, IO voltage
VDD
-0.3 to +3.6
V
Input voltage on any control pin (SA0/MISO, SA1/CS_B, SCL/SCLK, SDA/MOSI, RST)
Vin
-0.3 to VDDIO + 0.3
V
Drop-Test height
Ddrop
1.8
M
Maximum exposed magnetic field without perming
(sensor characteristics may be restored using the magnetic reset de-gauss function)
10,000
μT
Maximum exposed field without permanent damage
0.1
T
Storage temperature range
TSTG
-40 to +125
°C
Table 7. ESD and latchup protection characteristics
Rating
Symbol
Value
Unit
Human Body Model
HBM
±2000
V
Machine Model
MM
±200
V
Charge Device Model
CDM
±500
V
Latchup current at T = 85°C
±100
mA
Table 5. Electrical characteristics @ VDD = 2.5V, VDDIO = 1.8V T = 25°C unless otherwise noted.
This device is sensitive to ESD, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com