Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 48Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 49Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
Sensors
46
Freescale Semiconductor, Inc.
9.9
Freefall and Motion detection
The freefall/motion detection block can be configured to detect low-g (freefall) or high-g (motion) events utilizing the
A_FFMT_CFG[a_ffmt_oae] bit.
In low-g detect mode (A_FFMT_CFG[a_ffmt_oae] = 0) a low-g condition will need to occur on all enabled axes (ex. X, Y and Z)
for the A_FFMT_SRC[a_ffmt_ea] bit to be affected. And, in high-g detect mode (A_FFMT_CFG[a_ffmt_oae] = 1) a high-g
condition occurring in any of the enabled axes (ex. X, Y or Z) will suffice to affect the A_FFMT_SRC [a_ffmt_ea] bit.
The detection threshold(s) are programed in register 0x17 (A_FFMT_THS) for common threshold operation, and 0x73-0x78
(A_FFMT_THS_X/Y/Z) for individual axis threshold operation.
A_FFMT_CFG[a_ffmt_ele] bit determines the behavior of A_FFMT_SRC[a_ffmt_ea] bit in response to the desired acceleration
event (low-g/high-g). When A_FFMT_CFG[a_ffmt_ele] = 1, the freefall or motion event is latched and the
A_FFMT_SRC[a_ffmt_ea] flag can only be cleared by reading the A_FFMT_SRC register. When A_FFMT_CFG[a_ffmt_ele] = 0,
freefall or motion events are not latched
, and the A_FFMT_SRC[a_ffmt_ea] bit reflects the real-time status of the event detection.
A_FFMT_THS[a_ffmt_dbcntm] bit determines the debounce filtering behavior of the logic which sets the
A_FFMT_SRC[a_ffmt_ea] bit. See Figure 55 for details.
It is possible to enable/disable each axis used in the freefall/motion detection function by configuring bits
A_FFMT_CFG[a_ffmt_xefe], A_FFMT_CFG[a_ffmt_yefe], and A_FFMT_CFG[a_ffmt_zefe].
The freefall/motion detection function has the option to use a common 7-bit unsigned threshold for each of the X, Y, Z axes, or
individual unsigned 13-bit thresholds for each axis. When A_FFMT_THS_X_MSB[a_ffmt_ths_xyz_en] = 0, the 7-bit threshold
value stored in register 0x17 is used as a common 7-bit threshold for the X, Y, and Z axes. When a_ffmt_ths_xyz_en = 1, each
axis may be programmed with an individual 13-bit threshold (stored in the A_FFMT_X/Y/Z MSB and LSB registers).
9.9.1
A_FFMT_CFG (0x15) register
Freefall/motion configuration register.
Table 46. Trip angles versus hysteresis settings
Hysteresis register value
Landscape to Portrait trip angle
Portrait to Landscape trip angle
045
45
149
41
252
38
356
34
459
31
562
28
666
24
769
21
Table 47. Portrait/Landscape orientation definitions
Position
Description
PU
y ~ -1g, x ~ 0
PD
y ~ +1g, x ~ 0
LR
y ~ 0, x ~ +1g
LL
y ~ 0, x ~ -1g
a_ffmt_ele
a_ffmt_oae
a_ffmt_zefe
a_ffmt_yefe
a_ffmt_xefe
—
—
—
000000
0
0
Figure 44. A_FFMT_CFG register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com