Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 39Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 40Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 41Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 42Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 43Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 44Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 45Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 46Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
43
.
Figure 38. Illustration of portrait to landscape transition
9.8.1
PL_STATUS (0x10) register
This status register can be read to get updated information on any change in orientation by reading bit 7, or the specifics of the
orientation by reading the other bits. For further understanding of Portrait Up, Portrait Down, Landscape Left, Landscape Right,
Back and Front orientations please refer to Figure 38. The interrupt is cleared when reading the PL_STATUS register.
The newlp bit is set to 1 after the first orientation detection after a Standby to Active transition, and whenever a change in lo, bafro,
or lapo occurs. The newlp bit is cleared anytime the PL_STATUS register is read. lapo, bafro and lo continue to change when
newlp is set. The current orientation is locked if the absolute value of the acceleration experienced on any of the three axes is
greater than 1.25g.
newlp
lo
—
—
—
lapo[1:0]
bafro
0
00000
0
Figure 39. PL_STATUS register
Table 39. PL_STATUS bit descriptions
Field
Description
newlp
Landscape/Portrait status change flag.
0: No change
1: BAFRO and/or LAPO and/or Z-tilt lockout value has changed
lo
Z-tilt angle lockout.
0: Lockout condition has not been detected.
1: Z-tilt lockout trip angle has been exceeded. Lockout condition has been detected.
bafro
Back or front orientation.
0: Front: equipment is in the front facing orientation.
1: Back: equipment is in the back facing orientation.
lapo[1:0](1)
1. The default power up state is bafro(Undefined), lapo(Undefined), and no lockout for orientation function.
Landscape/Portrait orientation.
00: Portrait up: equipment standing vertically in the normal orientation
01: Portrait down: equipment standing vertically in the inverted orientation
10: Landscape right: equipment is in landscape mode to the right
11: Landscape left: equipment is in landscape mode to the left.
Portrait
Portrait to Landscape
90
°
Trip Angle = 30
°
0° Landscape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com