Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 5Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 6Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 7Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 8Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 9Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 10Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 11Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 12Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
9
4
Device Characteristics
4.1
Mechanical characteristics (accelerometer)
Table 2. Mechanical characteristics @ VDD = 2.5V, VDDIO = 1.8V T = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
FS
Measurement range(1)
1. Dynamic range is limited to ±4g when in the low-noise mode.
±2g mode
±2
g
±4g mode
±4
±8g mode
±8
So
Sensitivity
±2g mode
4096
LSB/g
0.244
mg/LSB
±4g mode
2048
LSB/g
0.488
mg/LSB
±8g mode
1024
LSB/g
0.976
mg/LSB
TCSo(1)
Sensitivity change with temperature
±2g, ±4g, ±8g modes
±0.008
%/°C
Soa
Sensitivity accuracy(2)
2. Sensitivity remains in spec as stated, but changing the oversampling mode to low power causes a 3% sensitivity shift. This behavior is also
seen when changing from 800 Hz ODR to any other ODR in the normal, low-noise + low-power, or high-resolution modes.
±1
%
TyOff
Zero-g level offset accuracy(3)
3. Before board mount.
±2g, ±4g, ±8g modes
±20
mg
TyOffPBM Zero-g level offset accuracy post-board mount(4)
4. Post-board mount offset specifications are based on an 8-layer PCB.
±2g, ±4g, ±8g modes
±30
mg
TCOff
Zero-g level change versus temperature
-40°C to 85°C(1)
±0.15
mg/°C
NL
Nonlinearity
Best-fit straight line
Over ±2g range normal mode
Over ±1g range low-noise mode
TBD
%FS
Vst
Self-Test output change(5)
X
Y
Z
5. Self-test is only exercised along one direction for each sensitive axis.
Set to ±4g mode
+181
+255
+1680
LSB
ODR accuracy, 2 MHz clock
±2
%
BW
Output-data bandwidth
ODR/3
ODR/2
Hz
Noise
Output-noise density
ODR = 400 Hz, normal mode
126
µg/
√Hz
Noise
Output-noise density low-noise mode(1)
ODR = 400 Hz, normal mode
99
µg/
√Hz
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com