Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 29Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 31Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 33Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 34Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 36Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
33
9.1.10
CTRL_REG3 [Interrupt Control Register] (0x2C) register
Table 26. CTRL_REG2[mods] oversampling modes
(s)mods1
(s)mods0
Power mode
00
Normal
0
1
Low Noise, Low Power
1
0
High Resolution
1
1
Low Power
Table 27. Current Consumption versus Oversampling
Mode
Normal
Low noise,
Low power
High resolution
Low power
ODR
Current
μA
OS ratio
Current
μA
OS ratio
Current
μA
OS ratio
Current
μA
OS ratio
1.5625
37
128
8
32
245
1024
7
16
6.25
37
32
11
8
245
256
9
4
12.5
37
16
14
4
245
128
11
2
50
37
4
37
4
245
32
22
2
100
67
4
67
4
245
16
37
2
200
126
4
126
4
245
8
67
2
400
245
4
245
4
245
4
126
2
800
245
2
245
2
245
2
245
2
fifo_gate
wake_trans
wake_lndprt
wake_pulse
wake_ffmt
wake_en_a_vecm
ipol
pp_od
00
0
0
0
0
0
0
Figure 19. CTRL_REG3 register
Table 28. CTRL_REG3 bit descriptions
Field
Description
fifo_gate
0: FIFO gate is bypassed. FIFO is flushed upon the system mode transitioning from Wake-to-Sleep mode or from Sleep-
to-Wake mode.
1: The FIFO input buffer is blocked when transitioning from “Wake-to-Sleep” mode or from “Sleep-to-Wake” mode until
the FIFO is flushed.(1) Although the system transitions from “Wake-to-Sleep” or from “Sleep-to-Wake” the contents of the
FIFO buffer are preserved, new data samples are ignored until the FIFO is emptied by the host application.
If the FIFO_GATE bit is set to logic ‘1’ and the FIFO buffer is not emptied before the arrival of the next sample, then the
SYSMOD[fgerr] will be asserted. The SYSMOD[fgerr] bit remains asserted as long as the FIFO buffer remains un-
emptied.
Emptying the FIFO buffer clears the SYS_MOD[fgerr] register.
wake_tran
0: Transient function is disabled in Sleep mode
1: Transient function is enabled in Sleep mode and can generate an interrupt to wake the system
wake_lndprt
0: Orientation function is disabled Sleep mode.
1: Orientation function is enabled in Sleep mode and can generate an interrupt to wake the system
wake_pulse
0: Pulse function is disabled in Sleep mode
1: Pulse function is enabled in Sleep mode and can generate an interrupt to wake the system
wake_ffmt
0: Freefall/motion function is disabled in Sleep mode
1: Freefall/motion function is enabled in Sleep mode and can generate an interrupt to wake the system
wake_en_a_vecm
0: Acceleration vector magnitude function is disabled in Sleep mode
1: Acceleration vector magnitude function is enabled in Sleep mode and can generate an interrupt to wake the system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com