Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXOS8700CQ Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 27Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 28Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 29Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 30Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 31Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 32Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 33Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 34Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Sensors
Freescale Semiconductor, Inc.
31
9.1.7
WHO_AM_I (0x0D) register
Device identification register. This register contains the device identifier which is set to 0xC4 for preproduction devices and 0xC7
for production devices.
9.1.8
CTRL_REG1 (0x2A) register
Note: Except for Standby mode selection, the device must be in Standby mode to change any of the fields within CTRL_REG1
(0x2A).
It is important to note that when the device is in Auto-Sleep mode, the system ODR and data rate for all the system functional
blocks is overridden by the sleep data rate set by the aslp_rate field. When hybrid mode is enabled, the frequency is one-half of
what is shown in Table 22. For example, with aslp_rate = 0b00 the frequency is 25 Hz.
Table 24 shows the various system output data rates (ODR) that may be selected using the dr[2:0] bits. The selected ODR is
reduced by a factor of two when the device is operated in hybrid mode.
who_am_i[7:0]
0xC7
Figure 16. WHO_AM_I register
aslp_rate[1:0]
dr[2:0]
lnoise
f_read
active
0
0b001
0
0
0
Figure 17. CTRL_REG1 register
Table 22. CTRL_REG1 bit descriptions
Field
Description
aslp_rate[1:0]
Configures the auto-wake sample frequency when the device is in Sleep mode.
See Table 22 for more information.
dr[2:0]
Output Data Rate (ODR) selection.
See Table 23 for more information.
lnoise
Reduced noise and full-scale range mode (analog gain times 2).
0: Normal mode
1: Reduced noise mode; Note that the FSR setting is restricted to a ±4g in this mode (lnoise = 1).
f_read
Fast-read mode: Data format is limited to the 8-bit MSB for both magnetometer and accelerometer output data. The address
pointer will skip over the LSB addresses for each axes sample data when performing a burst read operation.
0: Normal mode
1: Fast-read mode
active
Standby/Active.
0: Standby mode
1: Active mode
Table 23. Sleep mode poll rate description
aslp_rate1
aslp_rate0
Frequency (Hz)
0
0
50
0
1
12.5
1
0
6.25
1
1
1.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com