Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 119Page - National Semiconductor (TI) PC97307 Datasheet HTML 120Page - National Semiconductor (TI) PC97307 Datasheet HTML 121Page - National Semiconductor (TI) PC97307 Datasheet HTML 122Page - National Semiconductor (TI) PC97307 Datasheet HTML 123Page - National Semiconductor (TI) PC97307 Datasheet HTML 124Page - National Semiconductor (TI) PC97307 Datasheet HTML 125Page - National Semiconductor (TI) PC97307 Datasheet HTML 126Page - National Semiconductor (TI) PC97307 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 218 page
background image
123
Parallel Port (Logical Device 4)
www.national.com
Reading from this register pops a byte from the FIFO. Writ-
ing to this register when it is set for read-only has no effect,
and the data written is ignored.
FIGURE 6-22. DFIFO Register Bitmap
6.5.9
Test FIFO (TFIFO) Register,
Bits 7-5 of ECR = 110, Offset 400h
A byte written into the Test FIFO (TFIFO) register is pushed
into the FIFO. A byte read from this register is popped from
the FIFO. The ECP does not issue an ECP cycle to transfer
the data to or from the peripheral device.
The TFIFO is readable and writable in both directions. In the
forward direction (bit 5 of DCR is 0) PD7-0 are driven, but
the data is undefined.
The FIFO does not stall when overwritten or underrun (ac-
cess is ignored). Bytes are always read from the top of the
FIFO, regardless of the direction bit setting (bit 5 of DCR).
For example if 44h, 33h, 22h, 11h is written into the FIFO,
reading the FIFO returns 44h, 33h, 22h, 11h (in the same
order it was written).
FIGURE 6-23. TFIFO Register Bitmap
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Data FIFO
Register (DFIFO)
Offset 400h
Bits 7-5 of ECR = 011
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
Test FIFO
Register (TFIFO)
Offset 400h
Bits 7-5 of ECR = 110
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
6.5.10
Configuration Register A (CNFGA),
Bits 7-5 of ECR = 111, Offset 400h
This register is read only. Reading CNFGA always returns
100 on bits 2 through 0 and 0001 on bits 7 through 4.
Writing this register has no effect and the data is ignored.
FIGURE 6-24. CNFGA Register Bitmap
Bits 2-0 - Reserved
These bits are reserved and are always 100.
Bit 3 - Bit 7 of PP Confg0
This bit reflects the value of bit 7 of the ECP PP Confg0
register (second level offset 05h), which has no specific
function. Whatever value is put in bit 7 of PP Confg0 will
appear in this bit.
This bit reflects a specific system configuration parame-
ter, as opposed to other devices, e.g., 8-bit data word
length.
Bit 7-4 - Reserved
These bits are reserved and are always 0001.
6.5.11
Configuration Register B (CNFGB), Bits 7-5 of
ECR = 111, Offset 401h
Configuration register B (CNFGB) is read only. Reading this
register returns the configured parallel port interrupt line
and DMA channel, and the state of the interrupt line.
Writing to this register has no effect and the data is ignored.
FIGURE 6-25. CNFGB Register Bitmap
76543210
Reset
Required
0
0
1
0
1
0
0
0
0
0
1
1
0
0
0
Configuration Register A
(CNFGA)
Offset 400h
Always 0
Always 0
Always 0
Bit 7 of PP Confg0
Bits 7-5 of ECR = 111
Always 0
Always 0
Always 1
Always 1
76543210
Reset
Required
0
0
0
x
x
x
0
0
Configuration Register B
(CNFGB)
Offset 401h
Reserved
Interrupt Select
IRQ Signal Value
Reserved
DMA Channel Select
Bits 7-5 of ECR = 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com