Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 120Page - National Semiconductor (TI) PC97307 Datasheet HTML 121Page - National Semiconductor (TI) PC97307 Datasheet HTML 122Page - National Semiconductor (TI) PC97307 Datasheet HTML 123Page - National Semiconductor (TI) PC97307 Datasheet HTML 124Page - National Semiconductor (TI) PC97307 Datasheet HTML 125Page - National Semiconductor (TI) PC97307 Datasheet HTML 126Page - National Semiconductor (TI) PC97307 Datasheet HTML 127Page - National Semiconductor (TI) PC97307 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 218 page
background image
124
Parallel Port (Logical Device 4)
www.national.com
Bits 1,0 - DMA Channel Select
These bits reflect the value of bits 1,0 of the PP Config0
register (second level offset 05h). Microsoft’s ECP Pro-
tocol and ISA Interface Standard defines these bits as
shown in Table 6-7.
Bits 1,0 of PP Config0 are read/write bits, but CNFGB
bits are read only.
Upon reset, these bits are initialized to 00.
TABLE 6-7. ECP Mode DMA Selection
Bit 2 - Reserved
This bit is reserved and is always 0.
Bits 5-3 - Interrupt Select Bits
These bits reflect the value of bits 5-3 of the PP Config0
register at second level index 05h. Microsoft’s ECP Pro-
tocol and ISA Interface Standard defines these bits as
shown in Table 6-8.
Bits 5-3 of PP Config0 are read/write bits, but CNFGB
bits are read only.
Upon reset, these bits have undefined values.
TABLE 6-8. ECP Mode Interrupt Selection
Bit 6 - IRQ Signal Value
This bit holds the value of the IRQ signal configured by
the Interrupt Select register (index 70h of this logical de-
vice).
Bit 7 - Reserved
This bit is reserved and is always 0.
6.5.12
Extended Control Register (ECR), Offset 402h
This register controls the ECP and parallel port functions.
On reset this register is initialized to 00010101. IOCHRDY
is driven low on an ECR read when the ECR status bits do
not hold updated data.
Bit 1 Bit 0
DMA Configuration
0
0
8-bit DMA selected by jumpers. (Default)
0
1
DMA channel 1 selected.
1
0
DMA channel 2 selected.
1
1
DMA channel 3 selected.
Bit 5
Bit 4
Bit 3
Interrupt Selection
0
0
0
Selected by jumpers.
0
0
1
IRQ7 selected.
0
1
0
IRQ9 selected.
0
1
1
IRQ10 selected.
1
0
0
IRQ11 selected.
1
0
1
IRQ14 selected.
1
1
0
IRQ15 selected.
1
1
1
IRQ5 selected.
FIGURE 6-26. ECR Register Bitmap
Bit 0 - FIFO Empty
This bit continuously reflects the FIFO state, and there-
fore can only be read. Data written to this bit is ignored.
When the ECP clock is frozen this bit is read as 1, re-
gardless of the actual FIFO state.
0 - The FIFO has at least one byte of data.
1 - The FIFO is empty or ECP clock is frozen.
Bit 1 - FIFO Full
This bit continuously reflects the FIFO state, and there-
fore can only be read. Data written to this bit is ignored.
When the ECP clock is frozen this bit is read as 1, re-
gardless of the actual FIFO state.
0 - The FIFO has at least one free byte.
1 - The FIFO is full or ECP clock frozen.
Bit 2 - ECP Interrupt Service
This bit enables servicing of interrupt requests. It is set
to 1 upon reset, and by the occurrence of interrupt
events. It is set to 0 by software.
While this bit is 1, neither the DMA nor the interrupt
events listed below will generate an interrupt.
While this bit is 0, the interrupt setup is “armed” and an
interrupt is generated on occurrence of an interrupt
event.
While the ECP clock is frozen, this bit always returns a
0 value, although it retains its proper value and may be
modified.
When one of the following interrupt events occurs while
this bit is 0, an interrupt is generated and this bit is set
to 1 by hardware.
— DMA is enabled (bit 3 of ECR is 1) and terminal
count is reached.
— FIFO write threshold reached (no DMA - bit 3 of ECR
is 0; forward direction (bit 5 of DCR is 0), and there
are eight or more bytes free in the FIFO).
— FIFO read threshold reached (no DMA - bit 3 of ECR
is 0; read direction set - bit 5 of DCR is 1, and there
are eight or more bytes to read from the FIFO).
0 - The DMA and the above interrupts are not disabled.
1 - The DMA and the above three interrupts are disabled.
76543210
Reset
Required
1
0
1
0
1
0
0
0
Extended Control
Register (ECR)
Offset 402h
ECP Interrupt Service
ECP Interrupt Mask
ECP Mode Control
ECP DMA Enable
FIFO Full
FIFO Empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com