Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 136Page - National Semiconductor (TI) PC97307 Datasheet HTML 137Page - National Semiconductor (TI) PC97307 Datasheet HTML 138Page - National Semiconductor (TI) PC97307 Datasheet HTML 139Page - National Semiconductor (TI) PC97307 Datasheet HTML 140Page - National Semiconductor (TI) PC97307 Datasheet HTML 141Page - National Semiconductor (TI) PC97307 Datasheet HTML 142Page - National Semiconductor (TI) PC97307 Datasheet HTML 143Page - National Semiconductor (TI) PC97307 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 218 page
background image
140
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
internal flag is cleared. The internal flag is also cleared and
the transmitter starts transmitting when a time-out condition
is reached. This prevents some bytes from being in the
TX_FIFO indefinitely if the threshold is not reached.
The time-out mechanism is implemented by a timer that is
enabled when the internal flag is set and there is at least
one byte in the TX_FIFO. Whenever a byte is loaded into
the TX_FIFO the timer gets reloaded with the initial value. If
no bytes are loaded for a 64-
µsec time, the timer times out
and the internal flag is cleared, thus enabling the transmit-
ter.
7.9
AUTOMATIC FALLBACK TO A NON-EXTENDED
UART MODE
The automatic fallback feature supports existing legacy
software packages that use the 16550 UART by automati-
cally turning off any Extended mode features and switches
the UART to Non-Extended mode when either of the LB-
GD(L) or LBGD(H) ports in bank 1 is read from or written to
by the CPU.
This eliminates the need for user intervention prior to run-
ning a legacy program.
In order to avoid spurious fallbacks, alternate baud rate reg-
isters are provided in bank 2. Any program designed to take
advantage of the UART’s extended features, should not use
LBGD(L) and LBGD(H) to change the baud rate. It should
use the BGD(L) and BGD(H) registers instead. Access to
these ports will not cause fallback.
Fallback can occur in any mode. In Extended UART mode,
fallback is always enabled. In this case, when a fallback oc-
curs, the following happens:
• Transmission and Reception FIFOs switch to 16 levels.
• A value of 13 is selected for the baud generator pres-
caler
• The BTEST and ETDLBK bits in the EXCR1 register
are cleared.
• UART mode is selected.
• A switch to a Non-Extended UART mode occurs.
When a fallback occurs in a Non-Extended UART mode, the
last two of the above actions do not take place.
No switch to UART mode occurs if either SIR or Sharp-IR
mode was selected. This prevents spurious switching to
UART mode when a legacy program running in infrared
mode accesses the baud generator divisor registers from
bank 1.
Fallback from a Non-Extended mode can be disabled by
setting the LOCK bit in register EXCR2. When LOCK is set
to 1 and the UART is in a Non-Extended mode, two scratch
registers overlaid with LBGD(L) and LBGD(H) are enabled.
Any attempted CPU access of LBGD(L) and LBGD(H) ac-
cesses the scratch registers, and the baud rate setting is not
affected. This feature allows existing legacy programs to
run faster than 115.2 Kbps.
7.10 OPTICAL TRANSCEIVER INTERFACE
This module implements a flexible interface for the external
infrared transceiver. Several signals are provided for this
purpose. A transceiver module with one or two reception
signals, or two transceiver modules can interface directly
with this module without any additional logic.
Since various operational modes are supported by this
module, the transmitter power as well as the receiver filter
in the transceiver module must be configured according to
the selected mode.
This module provides four interface pins to control the infra-
red transceiver. ID/IRSL(2-0) are three I/O pins and ID3 is
an Input pin. All of these pins are powered up as inputs.
When in input mode, they can be used to read the identifi-
cation data of Plug-n-Play infrared adapters.
When in output mode, the logic levels of IRSL(2-0) can be
either controlled directly by the software by setting bits 2-0
of the IRCFG1 register, or they can be automatically select-
ed by this module whenever the operation mode changes.
The automatic transceiver configuration is enabled by set-
ting the AMCFG bit (bit 7) in the IRCFG4 register to 1. It al-
lows the low-level functional details of the transceiver
module being used to be hidden from the software drivers.
The operation mode settings for the automatic configuration
are determined by various bit fields in the Infrared Interface
Configuration registers (IRCFG[4-1]) that must be pro-
grammed when the UART is initialized.
The ID0/IRSL0/IRRX2 pin can also be used as an input to
support an additional infrared reception signal. In this case,
however, only two configuration pins are available.
The IRSL0_DS and IRSL21_DS bits in the IRCFG4 register
determines the direction of IRSL(2-0).
7.11 BANK 0 – GLOBAL CONTROL AND STATUS
REGISTERS
In the Non-Extended modes of operation, bank 0 is compat-
ible with both the 16450 and the 16550. Upon reset, this
module defaults to the 16450 mode. In the Extended mode,
all the Registers (except RXD/ TXD) offer additional fea-
tures.
TABLE 7-2. Bank 0 Serial Controller Base Registers
Offset
Register
Name
Description
00h
RXD/
TXD
Receiver Data Port/ Transmitter Data
Port
01h
IER
Interrupt Enable Register
02h
EIR/
FCR
Event Identification Register/
FIFO Control Register
03h
LCR/
BSR
Link Control Register/
Bank Select Register
04h
MCR
Modem Control Register
05h
LSR
Link Status Register
06h
MSR
Modem Status Register
07h
SCR/
ASCR
Scratch Register/
Auxiliary Status and Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com