Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 140Page - National Semiconductor (TI) PC97307 Datasheet HTML 141Page - National Semiconductor (TI) PC97307 Datasheet HTML 142Page - National Semiconductor (TI) PC97307 Datasheet HTML 143Page - National Semiconductor (TI) PC97307 Datasheet HTML 144Page - National Semiconductor (TI) PC97307 Datasheet HTML 145Page - National Semiconductor (TI) PC97307 Datasheet HTML 146Page - National Semiconductor (TI) PC97307 Datasheet HTML 147Page - National Semiconductor (TI) PC97307 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 218 page
background image
144
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
TABLE 7-3. Non-Extended Mode Interrupt Priorities
EIR Bits
3 2 1 0
Interrupt Set and Reset Functions
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset Control
0 0 0 1
-
None
None
-
0 1 1 0
Highest
Link Status
Parity error, framing error, data overrun
or break event
Read Link Status Register (LSR).
0 1 0 0
Second
Receiver High
Data Level
Event
Receiver Holding Register (RXD) full, or
RX_FIFO level equal to or above
threshold.
Reading the RXD or, RX_FIFO level
drops below threshold.
1 1 0 0
Second
RX_FIFO Time-
Out
At least one character is in the
RX_FIFO, and no character has been
input to or read from the RX_FIFO for 4
character times.
Reading the RXD port.
0 0 1 0
Third
Transmitter Low
Data Level
Event
Transmitter Holding Register or
TX_FIFO empty.
Reading the EIR Register if this
interrupt is currently the highest
priority pending interrupt, or writing
into the TXD port.
0 0 0 0
Fourth
Modem Status
Any transition on CTS, DSR or DCD or
a low to high transition on RI.
Reading the Modem Status Register
(MSR).
Event Identification Register (EIR), Extended Mode
In Extended mode, each of the previously prioritized and
encoded interrupt sources is broken down into individual
bits. Each bit in this register acts as an interrupt pending
flag, and is set to 1 when the corresponding event occurred
or is pending, regardless of the IER register bit setting.
When this register is read the DMA event bit (bit 4) is
cleared if an 8237 type DMA is used. All other bits are
cleared when the corresponding interrupts are acknowl-
edged by reading the relevant register (e.g. reading MSR
clears MS_EV bit).
.
FIGURE 7-9. EIR Register Bitmap, Extended Mode
Bit 0 - Receiver High-Data-Level Event (RXHDL_EV)
When FIFOs are disabled, this bit is set to 1 when a
character is in the Receiver Holding Register.
76543210
Reset
Required
1
0
0
0
0
0
0
0
Extended Mode, Read Cycles
Event Identification
Bank 0,
Register (EIR)
DMA_EV
TXEMP-EV or PLD_EV
Reserved
Reserved
RXHDL_EV
TXLDL_EV
MS_EV
LS_EV or TXHLT_EV
Offset 02h
When FIFOs are enabled, this bit is set to 1 when the
RX_FIFO is above threshold or an RX_FIFO time-out
has occurred.
Bit 1 - Transmitter Low-Data-Level Event (TXLDL_EV)
When FIFOs are disabled, this bit is set to 1 when the
Transmitter Holding Register is empty.
When FIFOs are enabled, this bit is set to 1 when the
TX_FIFO is below the threshold level.
Bit 2 - Link Status Event (LS_EV) or Transmitter Halted
Event (TXHLT_EV)
In the UART, Sharp-IR and SIR modes, this bit is set to
1 when a receiver error or break condition is reported.
When FIFOs are enabled, the Parity Error(PE), Frame
Error(FE) and Break(BRK) conditions are only reported
when the associated character reaches the bottom of
the RX_FIFO. An Overrun Error (OE) is reported as
soon as it occurs.
In the Consumer-IR mode, this bit indicates that a Link
Status Event (LS_EV) or a Transmitter Halted Event
(TXHLT_EV) occurred. It is set to 1 when any of the fol-
lowing conditions occurs:
— A receiver overrun.
— A transmitter underrun.
Bit 3 - Modem Status Event (MS_EV)
In UART mode this bit is set to 1 when any of the 0 to 3
bits in the MSR register is set to 1.
In any IR mode, the function of this bit depends on the
setting of the IRMSSL bit in the IRCR2 register (see Ta-
ble 7-4 and also “Bit 1 - MSR Register Function Select
in Infrared Mode (IRMSSL)” on page 158).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com