Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 143Page - National Semiconductor (TI) PC97307 Datasheet HTML 144Page - National Semiconductor (TI) PC97307 Datasheet HTML 145Page - National Semiconductor (TI) PC97307 Datasheet HTML 146Page - National Semiconductor (TI) PC97307 Datasheet HTML 147Page - National Semiconductor (TI) PC97307 Datasheet HTML 148Page - National Semiconductor (TI) PC97307 Datasheet HTML 149Page - National Semiconductor (TI) PC97307 Datasheet HTML 150Page - National Semiconductor (TI) PC97307 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 218 page
background image
147
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
7.11.6
Bank Selection Register (BSR), All Banks,
Offset 03h
FIGURE 7-12. BSR Register Bitmap
The Bank Selection Register (BSR) selects which register
bank is to be accessed next.
About accessing this register see the description of bit 7 of
the LCR Register.
Bits 6-0 - Bank Selection
When bit 7 is set to 1, bits 6-0 of BSR select the bank,
as shown in Table 7-9.
Bit 7 - Bank Selection Enable (BKSE)
0 - Bank 0 is selected.
1 - Bits 6-0 specify the selected bank.
TABLE 7-9. Bank Selection Encoding
BSR Bits
Bank
Selected
LCR
76543210
0
x
x
x
x
x
x
x
0
LCR is writ-
ten
1
0
xxxxxx
1
1
1
xxxx
1
x
1
1
1
xxxxx
1
1
1
1
1
0
0
0
0
0
2
LCR is not
written
11100100
3
11101000
4
11101100
5
11110000
6
11110100
7
1
1
1
1
1
x
0
0
Reserved
1
1
0
x
x
x
0
0
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
Bank Selection
All Banks,
Register (BSR)
Offset 03h
Bank Selection
BKSE-Bank Selection Enable
7.11.7
Modem/Mode Control Register (MCR), Bank 0,
Offset 04h
This register controls the interface with the modem or data
communications set, and the device operational mode
when the device is in the Extended mode. The register
function differs for Extended and Non-Extended modes.
Modem/Mode Control Register (MCR), Non-Extended
Mode, Bank 0, Offset 04h
FIGURE 7-13. MCR Register Bitmap, Non-Extended
Mode
Bit 0 - Data Terminal Ready (DTR)
This bit controls the DTR signal output. When set to 1,
DTR is driven low. When loopback is enabled (LOOP is
set to 1), this bit internally drives DSR.
Bit 1 - Request To Send (RTS)
This bit controls the RTS signal output. When set to 1,
drives RTS low. When loopback is enabled (LOOP is
set), this bit drives CTS, internally.
Bit 2 - Loopback Interrupt Request (RILP)
When loopback is enabled, this bit internally drives RI.
Otherwise it is unused.
Bit 3 - Interrupt Signal Enable (ISEN) or Loopback DCD
(DCDLP)
In normal operation (standard 16450 or 16550) mode,
this bit controls the interrupt signal and must be set to 1
in order to enable the interrupt request signal.
When loopback is enabled, the interrupt output signal is
always enabled, and this bit internally drives DCD.
New programs should always keep this bit set to 1 dur-
ing normal operation. The interrupt signal should be
controlled through the Plug-n-Play logic.
Bit 4 - Loopback Enable (LOOP)
When this bit is set to 1, it enables loopback. This bit ac-
cesses the same internal register as bit 4 of the EXCR1
register. (see “Bit 4 - Loopback Enable (LOOP)” on page
154 for more information on the Loopback mode).
0 - Loopback disabled. (Default)
1 - Loopback enabled.
Bits 7-5 - Reserved
Read/Write 0.
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Non-Extended UART mode
RILP
LOOP
Reserved
Reserved
Reserved
DTR
RTS
ISEN or DCDLP
Offset 04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com