Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 146Page - National Semiconductor (TI) PC97307 Datasheet HTML 147Page - National Semiconductor (TI) PC97307 Datasheet HTML 148Page - National Semiconductor (TI) PC97307 Datasheet HTML 149Page - National Semiconductor (TI) PC97307 Datasheet HTML 150Page - National Semiconductor (TI) PC97307 Datasheet HTML 151Page - National Semiconductor (TI) PC97307 Datasheet HTML 152Page - National Semiconductor (TI) PC97307 Datasheet HTML 153Page - National Semiconductor (TI) PC97307 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 218 page
background image
150
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
FIGURE 7-16. MSR Register Bitmap
Bit 0 - Delta Clear to Send (DCTS)
Set to 1, when the CTS input signal changes state.
This bit is cleared upon read.
Bit 1 - Delta Data Set Ready (DDSR)
Set to 1, when the DSR input signal changes state.
This bit is cleared upon read
Bit 2 - Trailing Edge Ring Indicate (TERI)
Set to 1, when the RI input signal changes state from
low to high.
This bit is cleared upon read
Bit 3 - Delta Data Carrier Detect (DDCD)
Set to 1, when the DCD input signal changes state.
1 - DCD signal state changed.
Bit 4 - Clear To Send (CTS)
This bit returns the inverse of the CTS input signal.
Bit 5 - Data Set Ready (DSR)
This bit returns the inverse of the DSR input signal.
Bit 6 - Ring Indicate (RI)
This bit returns the inverse of the RI input signal.
Bit 7 - Data Carrier Detect (DCD)
This bit returns the inverse of the DCD input signal.
76543210
Reset
Required
0
0
0
0
X
X
X
X
Modem Status
Register (MSR)
Bank 0,
TERI
CTS
DSR
RI
DCD
DCTS
DDSR
DDCD
Offset 06h
7.11.10 Scratchpad Register (SPR), Bank 0, Offset 07h
This register shares a common address with the ASCR Register.
In Non-Extended mode, this is a scratch register (as in the
16550) for temporary data storage.
FIGURE 7-17. SPR Register Bitmap
7.11.11 Auxiliary Status and Control Register (ASCR),
Bank 0, Offset 07h
This register shares a common address with the previous
one (SCR).
This register is accessed when the Extended mode of op-
eration is selected. The definition of the bits in this case is
dependent upon the mode selected in the MCR register,
bits 7 through 5. This register is cleared upon hardware re-
set or when the operational mode changes. Bits 2 and 6 are
cleared when the transmitter is “soft reset”. Bits 0,1,4 and 5
are cleared when the receiver is “soft reset”.
FIGURE 7-18. ASCR Register Bitmap
Bit 0 - RX_FIFO Time-Out (RXF_TOUT)
This bit is read only and set to 1 when an RX_FIFO tim-
eout occurs. It is cleared when a character is read from
the RX_FIFO.
Bit 1 -Reserved
Read/Write 0.
76543210
Reset
Required
Scratchpad Register
(SCR)
Bank 0,
Scratch Data
Non-Extended Modes
Offset 07h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Auxiliary Status
Register (ASCR)
Bank 0,
Reserved
RXACT
TXUR
Reserved
S_EOT
RXWDG
RXF_TOUT
Extended Modes
Reserved
0
Offset 07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com