Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 154 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 154 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 150Page - National Semiconductor (TI) PC97307 Datasheet HTML 151Page - National Semiconductor (TI) PC97307 Datasheet HTML 152Page - National Semiconductor (TI) PC97307 Datasheet HTML 153Page - National Semiconductor (TI) PC97307 Datasheet HTML 154Page - National Semiconductor (TI) PC97307 Datasheet HTML 155Page - National Semiconductor (TI) PC97307 Datasheet HTML 156Page - National Semiconductor (TI) PC97307 Datasheet HTML 157Page - National Semiconductor (TI) PC97307 Datasheet HTML 158Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 218 page
background image
154
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
7.12.2
Extended Control Register 1 (EXCR1),
Bank 2, Offset 02h
Use this register to control module operation in the Extend-
ed mode. Upon reset all bits are set to 0.
FIGURE 7-23. EXCR1 Register Bitmap
Bit 0 - Extended Mode Select (EXT_SL)
When set to 1, the Extended mode is selected.
Bit 1 - DMA Fairness Control (DMANF)
This bit controls the maximum duration of DMA burst
transfers.
0 - DMA requests are forced inactive after approxi-
mately 10.5
µsec of continuous transmitter and/or
receiver DMA operation. (Default)
1 - A transmission DMA request is deactivated when
the TX_FIFO is full. A reception DMA request is de-
activated when the RX_FIFO is empty.
Bit 2 - DMA FIFO Threshold (DMATH)
This bit selects the TX_FIFO and RX_FIFO threshold
levels used by the DMA request logic to support de-
mand transfer mode.
A transmission DMA request is generated when the
TX_FIFO level is below the threshold.
A reception DMA request is generated when the
RX_FIFO level reaches the threshold or when a DMA
timeout occurs.
Table 7-15 lists the threshold levels for each FIFO.
TABLE 7-15. DMA Threshold Levels
Bit 3 - DMA Swap (DMASWP)
This bit selects the routing of the DMA control signals
between the internal DMA logic and the configuration
module of the chip. When this bit is 0, the transmitter
Bit
Value
DMA Threshold for FIFO Type
RX_FIFO
Tx_FIFO
(16 Levels)
Tx_FIFO
(32 Levels)
0
4
13
29
110
7
23
76543210
Reset
Required
0
0
0
0
0
0
0
0
1
and Status Register 1
(EXCR1)
Bank 2,
Extended Control and
DMATH
LOOP
ETDLBK
Reserved
BTEST
EXT_SL
DMANF
DMASWP
Offset 02h
and receiver DMA control signals are not swapped.
When it is 1, they are swapped. A block diagram illus-
trating the control signals routing is given in Fig. 7-24.
The swap feature is particularly useful when only one
8237 DMA channel is used to serve both transmitter and
receiver. In this case only one external DRQ/DACK sig-
nal pair will be interconnected to the swap logic by the
configuration module. Routing the external DMA chan-
nel to either the transmitter or the receiver DMA logic is
then simply controlled by the DMASWP bit. This way,
the infrared device drivers do not need to know the de-
tails of the configuration module.
.
FIGURE 7-24. DMA Control Signals Routing
Bit 4 - Loopback Enable (LOOP)
During loopback, the transmitter output is connected in-
ternally to the receiver input, to enable system self-test
of serial communications. In addition to the data signal,
all additional signals within the UART are interconnect-
ed to enable real transmission and reception using the
UART mechanisms.
When this bit is set to 1, loopback is selected. This bit
accesses the same internal register as bit 4 in the MCR
register, when the UART is in a Non-Extended mode.
Loopback behaves similarly in both Non-Extended and
Extended modes.
When Extended mode is selected, the DTR bit in the
MCR register internally drives both DSR and RI, and the
RTS bit drives CTS and DCD.
During loopback, the following actions occur:
1. The transmitter and receiver interrupts are fully op-
erational. The Modem Status Interrupts are also fully
operational, but the interrupt sources are now the
lower bits of the MCR register. Modem interrupts in
infrared modes are disabled unless the IRMSSL bit
in the IRCR2 register is 0. Individual interrupts are
still controlled by the IER register bits.
2. The DMA control signals are fully operational.
3. UART and infrared receiver serial input signals are
disconnected. The internal receiver input signals are
connected to the corresponding internal transmitter
output signals.
4. The UART transmitter serial output is forced high
and the infrared transmitter serial output is forced
low, unless the ETDLBK bit is set to 1. In which case
they function normally.
TX -
Routing
RX_DMA
Logic
Channel
DMA
Logic
TX -
Channel
DMA
Logic
TX_DMA
DMA
Hand-
shake
Signals
DMASWP
DMA Swap
Logic
Configuration
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com