Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 153Page - National Semiconductor (TI) PC97307 Datasheet HTML 154Page - National Semiconductor (TI) PC97307 Datasheet HTML 155Page - National Semiconductor (TI) PC97307 Datasheet HTML 156Page - National Semiconductor (TI) PC97307 Datasheet HTML 157Page - National Semiconductor (TI) PC97307 Datasheet HTML 158Page - National Semiconductor (TI) PC97307 Datasheet HTML 159Page - National Semiconductor (TI) PC97307 Datasheet HTML 160Page - National Semiconductor (TI) PC97307 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 218 page
background image
157
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
7.13.2
Shadow of Link Control Register (SH_LCR),
Bank 3, Offset 01h
This register returns the value of the LCR register. The LCR
register is written into when a byte value according to Table
7-9 on page 147, is written to the LCR/BSR registers loca-
tion (at offset 03h) from any bank.
FIGURE 7-29. SH_LCR Register Bitmap
See “Link Control Register (LCR), All Banks, Offset 03h” on
page 146 for bit descriptions.
7.13.3
Shadow of FIFO Control Register (SH_FCR),
Bank 3, Offset 02h
This read-only register returns the contents of the FCR reg-
ister in bank 0.
FIGURE 7-30. SH_LCR Register Bitmap
See “FIFO Control Register (FCR), Bank 0, Offset 02h” on
page 145 for bit descriptions.
7.13.4
Link Control Register (LCR) and Bank Select
Register (BSR), Bank 3, Offset 03h
These registers are the same as the registers at offset 03h
in bank 0.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Link Control Register
(SH_LCR)
Bank 3,
Shadow of
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
Offset 01h
76543210
Reset
Required
0
0
0
0
0
0
0
0
FIFO Control Register
(SH_FCR)
Bank 3,
Shadow of
TXSR
TXFTH0
TXFHT1
RXFTH0
RXFTH1
FIFO_EN
RXSR
Reserved
Offset 02h
7.14 BANK 4 – IR MODE SETUP REGISTER
TABLE 7-20. Bank 4 Register Set
7.14.1
Reserved Registers, Bank 4, Offsets 00h and
01h
These registers are reserved.
7.14.2
Infrared Control Register 1 (IRCR1),
Bank 4, Offset 02h
Enables the Sharp-IR or SIR infrared mode in the Non-Ex-
tended mode of operation.
Upon reset, all bits are set to 0.
FIGURE 7-31. IRCR1 Register Bitmap
Bits 1,0 - Reserved
Read/Write 0.
Bits 3,2 - Sharp-IR or SIR Mode Select (IR_SL1,0), Non-
Extended Mode Only
These bits enable Sharp-IR and SIR modes in Non-Ex-
tended mode. They allow selection of the appropriate in-
frared interface when Extended mode is not selected.
These bits are ignored when Extended mode is select-
ed. Before running the legacy application in Sharp-IR or
SIR Mode, run a small enabling routine to set bits 3 and
2 to the appropriate mode, i.e., 10 or 11 (see Table
7-21). The infrared application can then be executed
and this module will be pre-set for the appropriate mode.
Upon termination of the application these bits should be
reset to 00 to switch back to a UART mode.
Offset
Register
Name
Description
00-01h
Reserved
02h
IRCR1
Infrared Control Register 1
03h
LCR/
BSR
Link Control/
Bank Select Registers
04-07h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(IRCR1)
Bank 4,
Infrared Control Register1
IR_SL0
Reserved
Reserved
IR_SL1
Offset 02h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com