Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 152Page - National Semiconductor (TI) PC97307 Datasheet HTML 153Page - National Semiconductor (TI) PC97307 Datasheet HTML 154Page - National Semiconductor (TI) PC97307 Datasheet HTML 155Page - National Semiconductor (TI) PC97307 Datasheet HTML 156Page - National Semiconductor (TI) PC97307 Datasheet HTML 157Page - National Semiconductor (TI) PC97307 Datasheet HTML 158Page - National Semiconductor (TI) PC97307 Datasheet HTML 159Page - National Semiconductor (TI) PC97307 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 218 page
background image
156
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
FIGURE 7-26. TXFLV Register Bitmap
Bits 5-0 - Number of Bytes in TX_FIFO (TFL(5-0))
These bits specify the number of bytes in the TX_FIFO.
Bits 7,6 - Reserved
Read/Write 0’s.
7.12.7
RX_FIFO Current Level Register (RXFLV), IrDA
or Consumer-IR Modes, Bank 2, Offset 07h
This read-only register returns the number of bytes in the
RX_FIFO. It can be used for software debugging.
FIGURE 7-27. RXFLV Register Bitmap
Bits 5-0 - Number of Bytes in RX_FIFO (RFL(5-0))
These bits specify the number of bytes in the RX_FIFO.
Bits 7,6 - Reserved
Read/Write 0’s.
Note: The contents of TXFLV and RXFLV are not frozen
during CPU reads. Therefore, invalid data could be re-
turned if the CPU reads these registers during normal
transmitter and receiver operation. To obtain correct da-
ta, the software should perform three consecutive reads
and then take the data from the second read, if first and
second read yield the same result, or from the third
read, if first and second read yield different results.
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Current Level
Register (TXFLV)
Bank 2,
TX_FIFO
TFL2
TFL4
TFL5
Reserved
Reserved
TFL0
TFL1
TFL3
Extended Modes
Offset 06h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Current Level
Register (RXFLV)
Bank 2,
RFL2
RFL4
Reserved
Reserved
RFL0
RFL1
RFL3
Extended Modes
RFL5
Offset 07h
7.13 BANK 3 – MODULE REVISION ID AND SHADOW
REGISTERS
Bank 3 contains the Module Revision ID register which
identifies the revision of the module, shadow registers for
monitoring various registers whose contents are modified
by being read, and status and control registers for handling
the flow control.
TABLE 7-19. Bank 3 Register Set
7.13.1
Module Revision ID Register (MRID),
Bank 3, Offset 00h
This read-only register identifies the revision of the module.
When read, it returns the module ID and revision level. This
module returns the code 2xh, where x indicates the revision
number.
FIGURE 7-28. MRID Register Bitmap
Bits 3-0 - Revision ID (MID3-0)
The value in these bits identifies the revision level.
Bits 7-4 - Module ID (MID7-4)
The value in these bits identifies the module type.
Offset
Register
Name
Description
00h
MRID
Module Revision ID Register
01h
SH_LCR
Shadow of LCR Register
(Read Only)
02h
SH_FCR Shadow of FIFO Control Register
(Read Only)
03h
LCR/
BSR
Link Control Register/
Bank Select Register
04h-07h
Reserved
76543210
Reset
Required
x
x
x
x
0
1
0
0
Module Revision ID
(MRID)
Bank 3,
Offset 00h
Register
Revision ID(RID 3-0)
Module ID(MID 7-4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com