Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 148Page - National Semiconductor (TI) PC97307 Datasheet HTML 149Page - National Semiconductor (TI) PC97307 Datasheet HTML 150Page - National Semiconductor (TI) PC97307 Datasheet HTML 151Page - National Semiconductor (TI) PC97307 Datasheet HTML 152Page - National Semiconductor (TI) PC97307 Datasheet HTML 153Page - National Semiconductor (TI) PC97307 Datasheet HTML 154Page - National Semiconductor (TI) PC97307 Datasheet HTML 155Page - National Semiconductor (TI) PC97307 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 218 page
background image
152
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
TABLE 7-12. Bits Cleared On Fallback
.
FIGURE 7-19. LBGD(L) Register Bitmap
.
FIGURE 7-20. LBGD(H) Register Bitmap
7.11.13 Link Control Register (LCR) and Bank Select
Register (BSR), Bank 1, Offset 03h
These registers are the same as the registers at offset 03h
in bank 0.
7.12 BANK 2 – EXTENDED CONTROL AND STATUS
REGISTERS
Bank 2 contains two alternate Baud Generator Divisor ports
and the Extended Control Registers (EXCR1 and EXCR2).
Register
UART Mode & LOCK bit before Fallback
Extended
Mode
LOCK = x
Non-Extended
Mode
LOCK = 0
Non-Extended
Mode
LOCK = 1
MCR
2 to 7
none
none
EXCR1
0, 5 and 7
5 and 7
none
EXCR2
0 to 5
0 to 5
none
IRCR1
2 and 3
none
none
76543210
Reset
Required
Low Byte port
(LBGD(L))
Bank 1,
Least Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
High Byte port
(LBGD(H))
Bank 1,
Most Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 01h
TABLE 7-13. Bank 2 Register Set
7.12.1
Baud Generator Divisor Ports, LSB (BGD(L))
and MSB (BGD(H)), Bank 2, Offsets 00h and 01h
These ports perform the same function as the Legacy Baud
Divisor Ports in Bank 1 and are accessed identically to them,
but do not change the operation mode of the module when ac-
cessed. Refer to Section 7.11.12 on page 151 for more detail.
Use these ports to set the baud rate when operating in Extend-
ed mode to avoid fallback to a Non-Extended operation mode,
i.e., 16550 compatible.When programming the baud rate, writ-
ing to BGDH causes the baud rate to change immediately.
FIGURE 7-21. BGD(L) Register Bitmap
FIGURE 7-22. BGD(H) Register Bitmap
Offset Register
Name
Description
00h
BGD(L)
Baud Generator Divisor Port (Low byte)
01h
BGD(H)
Baud Generator Divisor Port (High byte)
02h
EXCR1
Extended Control Register 1
03h
LCR/BSR
Link Control/ Bank Select Register
04h
EXCR2
Extended Control Register 2
05h
Reserved
06h
TXFLV
TX_FIFO Level
07h
RXFLV
RX_FIFO Level
76543210
Reset
Required
x
x
x
x
x
x
x
x
Low Byte Port
(BGD(L))
Bank 2,
Least Significant Byte
Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
x
x
x
x
x
x
x
x
High Byte Port
(BGD(H))
Bank 2,
Most Significant Byte
of Baud Generator
Baud Generator Divisor
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com