Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 144Page - National Semiconductor (TI) PC97307 Datasheet HTML 145Page - National Semiconductor (TI) PC97307 Datasheet HTML 146Page - National Semiconductor (TI) PC97307 Datasheet HTML 147Page - National Semiconductor (TI) PC97307 Datasheet HTML 148Page - National Semiconductor (TI) PC97307 Datasheet HTML 149Page - National Semiconductor (TI) PC97307 Datasheet HTML 150Page - National Semiconductor (TI) PC97307 Datasheet HTML 151Page - National Semiconductor (TI) PC97307 Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 218 page
background image
148
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
Modem/Mode Control Register (MCR), Extended Mode,
Bank 0, Offset 04h
In Extended mode, this register is used to select the opera-
tion mode (IrDA, Sharp, etc.) of the device and to enable the
DMA interface. In these modes, the interrupt output signal
is always enabled, and loopback can be enabled by setting
bit 4 of the EXCR1 register.
FIGURE 7-14. MCR Register Bitmap, Extended Modes
Bit 0 - Data Terminal Ready (DTR)
This bit controls the DTR signal output. When set to1,
DTR is driven low. When loopback is enabled (LOOP is
set), this bit internally drives both DSR and RI.
Bit 1 - Request To Send (RTS)
This bit controls the RTS signal output. When set to1,
RTS is driven low. When loopback is enabled (LOOP is
set), this bit internally drives both CTS and DCD.
Bit 2 - DMA Enable (DMA_EN)
When set to1, DMA mode of operation is enabled. When
DMA is selected, transmit and/or receive interrupts
should be disabled to avoid spurious interrupts.
DMA cycles always address the Data Holding Registers
or FIFOs, regardless of the selected bank.
Bit 3 - Transmission Deferral (TX_DFR)
For a detailed description of the Transmission Deferral
see “Transmission Deferral” on page 139.
0 - No transmission deferral enabled. (Default)
1 - Transmission deferral enabled.
This bit is effective only if the Transmission FIFOs is en-
abled.
Bit 4 - Reserved
Read/Write 0.
Bits 7-5 - Mode Select (MDSL2-0)
These bits select the operational mode of the module
when in Extended mode, as shown in Table 7-10.
When the mode is changed, the transmission and re-
ception FIFOs are flushed, Link Status and Modem Sta-
tus Interrupts are cleared, and all of the bits in the
auxiliary status and control register are cleared.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Modem Control
Register (MCR)
Bank 0,
Extended Mode
DMA_EN
Reserved
MDSL0
MDSL1
MDSL2
DTR
RTS
TX_DFR
Offset 04h
TABLE 7-10. The Module Operation Modes
7.11.8
Link Status Register (LSR), Bank 0, Offset 05h
This register provides status information concerning the
data transfer. Bits 1 through 4 indicate link status events.
These bits are sticky (they accumulate the occurrence of er-
ror conditions since the last time they were read). They are
cleared when one of the following events occurs:
• Hardware reset.
• The receiver is soft-reset.
• The LSR register is read.
Upon reset this register assumes the value of 0x60h.
The bit definitions change depending upon the operation
mode of the module.
Bits 4 through 1 of the LSR are the error conditions that gen-
erate a Receiver Link Status interrupt whenever any of the
corresponding conditions are detected and that interrupt is
enabled.
The LSR is intended for read operations only. Writing to the
LSR is not permitted
FIGURE 7-15. LSR Register Bitmap
Bit 0 - Receiver Data Available (RXDA)
Set to 1 when the Receiver Holding Register is full.
If the FIFOs are enabled, this bit is set when at least one
character is in the RX_FIFO.
Cleared when the CPU reads all the data in the Holding
Register or in the RX_FIFO.
MDSL2
(Bit 7)
MDSL1
(Bit 6)
MDSL0
(Bit 5)
Operational Mode
0
0
0
UART mode (Default)
0
0
1
Reserved
0
1
0
Sharp-IR
011
SIR
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Consumer-IR
1
1
1
Reserved
76543210
Reset
Required
0
0
0
0
0
1
1
0
Link Status
Register (LSR)
Bank 0,
PE
BRK
TXRDY
TXEMP
ER_INF
RXDA
OE
FE
Offset 05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com