Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 142Page - National Semiconductor (TI) PC97307 Datasheet HTML 143Page - National Semiconductor (TI) PC97307 Datasheet HTML 144Page - National Semiconductor (TI) PC97307 Datasheet HTML 145Page - National Semiconductor (TI) PC97307 Datasheet HTML 146Page - National Semiconductor (TI) PC97307 Datasheet HTML 147Page - National Semiconductor (TI) PC97307 Datasheet HTML 148Page - National Semiconductor (TI) PC97307 Datasheet HTML 149Page - National Semiconductor (TI) PC97307 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 218 page
background image
146
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
Link Control Register (LCR), All Banks, Offset 03h
Bits 6-0 are only effective in UART, Sharp-IR and SIR
modes. They are ignored in Consumer-IR mode.
FIGURE 7-11. LCR Register Bitmap
Bits 1,0 - Character Length Select (WLS1,0)
These bits specify the number of data bits in each trans-
mitted or received serial character. Table 7-7 shows
how to encode these bits.
TABLE 7-7. Word Length Select Encoding
Bits 2 - Number of Stop Bits (STB)
This bit specifies the number of stop bits transmitted
with each serial character.
0 - One stop bit is generated. (Default)
1 - If the data length is set to 5-bits via bits 1,0
(WLS1,0), 1.5 stop bits are generated. For 6, 7 or 8
bit word lengths, two stop bits are transmitted. The
receiver checks for one stop bit only, regardless of
the number of stop bits selected.
Bit 3 - Parity Enable (PEN)
This bit enable the parity bit See Table 7-8 on page 146.
The parity enable bit is used to produce an even or odd
number of 1s when the data bits and parity bit are
summed, as an error detection device.
0 - No parity bit is used. (Default)
1 - A parity bit is generated by the transmitter and
checked by the receiver.
Bit 4 - Even Parity Select (EPS)
When Parity is enabled (PEN is 1), this bit, together with
bit 5 (STKP), controls the parity bit as shown in Table
7-8.
0 - If parity is enabled, an odd number of logic 1s are
transmitted or checked in the data word bits and
parity bit. (Default)
WLS1
WLS0
Character Length
0
0
5 (Default)
01
6
10
7
11
8
76543210
Reset
Required
0
0
0
0
0
0
0
0
Link Control
All Banks,
Register (LCR)
Offset 03h
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
1 - If parity is enabled, an even number of logic 1s are
transmitted or checked.
Bit 5 - Stick Parity (STKP)
When Parity is enabled (PEN is 1), this bit, together with
bit 4 (EPS), controls the parity bit as show in Table 7-8.
TABLE 7-8. Bit Settings for Parity Control
Bit 6 - Set Break (SBRK)
This bit enables or disables a break. During the break,
the transmitter can be used as a character timer to ac-
curately establish the break duration.
This bit acts only on the transmitter front-end and has no
effect on the rest of the transmitter logic.
When set to 1 the following occurs:
— If a UART mode is selected, the SOUT pin is forced
to a logic 0 state.
— If SIR mode is selected, pulses are issued continu-
ously on the IRTX pin.
— If Sharp-IR mode is selected and internal modula-
tion is enabled, pulses are issued continuously on
the IRTX pin.
— If Sharp-IR mode is selected and internal modula-
tion is disabled, the IRTX pin is forced to a logic 1
state.
To avoid transmission of erroneous characters as a re-
sult of the break, use the following procedure to set
SBRK:
1. Wait for the transmitter to be empty. (TXEMP = 1).
2. Set SBRK to 1.
3. Wait for the transmitter to be empty, and clear SBRK
when normal transmission must be restored.
Bit 7 - Bank Select Enable (BKSE)
0 - This register functions as the Link Control Register
(LCR).
1 - This register functions as the Bank Select Register
(BSR).
PEN
EPS
STKP
Selected Parity Bit
0
x
x
None
1
0
0
Odd
1
1
0
Even
1
0
1
Logic 1
1
1
1
Logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com