Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 149Page - National Semiconductor (TI) PC97307 Datasheet HTML 150Page - National Semiconductor (TI) PC97307 Datasheet HTML 151Page - National Semiconductor (TI) PC97307 Datasheet HTML 152Page - National Semiconductor (TI) PC97307 Datasheet HTML 153Page - National Semiconductor (TI) PC97307 Datasheet HTML 154Page - National Semiconductor (TI) PC97307 Datasheet HTML 155Page - National Semiconductor (TI) PC97307 Datasheet HTML 156Page - National Semiconductor (TI) PC97307 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 218 page
background image
153
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
TABLE 7-14. Baud Generator Divisor Settings
Prescaler Value
13
1.625
1
Baud Rate
Divisor
% Error
Divisor
% Error
Divisor
% Error
50
2304
0.16%
18461
0.00%
30000
0.00%
75
1536
0.16%
12307
0.01%
20000
0.00%
110
1047
0.19%
8391
0.01%
13636
0.00%
134.5
857
0.10%
6863
0.00%
11150
0.02%
150
768
0.16%
6153
0.01%
10000
0.00%
300
384
0.16%
3076
0.03%
5000
0.00%
600
192
0.16%
1538
0.03%
2500
0.00%
1200
96
0.16%
769
0.03%
1250
0.00%
1800
64
0.16%
512
0.16%
833
0.04%
2000
58
0.53%
461
0.12%
750
0.00%
2400
48
0.16%
384
0.16%
625
0.00%
3600
32
0.16%
256
0.16%
416
0.16%
4800
24
0.16%
192
0.16%
312
0.16%
7200
16
0.16%
128
0.16%
208
0.16%
9600
12
0.16%
96
0.16%
156
0.16%
14400
8
0.16%
64
0.16%
104
0.16%
19200
6
0.16%
48
0.16%
78
0.16%
28800
4
0.16%
32
0.16%
52
0.16%
38400
3
0.16%
24
0.16%
39
0.16%
57600
2
0.16%
16
0.16%
26
0.16%
115200
1
0.16%
8
0.16%
13
0.16%
230400
---
---
4
0.16%
---
---
460800
---
---
2
0.16%
---
---
750000
---
---
---
---
2
0.00%
921600
---
---
1
0.16%
---
---
1500000
---
---
---
---
1
0.00%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com