Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 166Page - National Semiconductor (TI) PC97307 Datasheet HTML 167Page - National Semiconductor (TI) PC97307 Datasheet HTML 168Page - National Semiconductor (TI) PC97307 Datasheet HTML 169Page - National Semiconductor (TI) PC97307 Datasheet HTML 170Page - National Semiconductor (TI) PC97307 Datasheet HTML 171Page - National Semiconductor (TI) PC97307 Datasheet HTML 172Page - National Semiconductor (TI) PC97307 Datasheet HTML 173Page - National Semiconductor (TI) PC97307 Datasheet HTML 174Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 218 page
background image
170
General Purpose Input and Output (GPIO) Ports (Logical Device 7) and Chip Select Output Signals
www.national.com
8.0
General Purpose Input and Output
(GPIO) Ports (Logical Device 7) and
Chip Select Output Signals
8.1
GENERAL PURPOSE INPUT AND OUTPUT
(GPIO) PORTS
The part supports two identical General Purpose I/O (GPIO)
ports.
Activation and deactivation (enable/disable) of GPIO ports
is controlled by the Activate register (index 30h) of logical
device 7 and by bit 7 of the Function Enable Register 2
(FER2) of the Power Management logical device. See Sec-
tion 9.2.4 on page 173.
The base address of the GPIO ports is software configurable.
It is controlled by two base address registers at indexes 60h
and 61h1 of logical device 7. See Table 2-19 on page 33.
The registers that control the GPIO ports are in two banks.
The active bank is selected by the GPIO Bank Select bit, bit
7 of SuperI/O Configuration 2 register. See section 2.4.4 on
page 35.
Five registers control GPIO Port 1 and four registers control
GPIO Port 2. The registers that control Port 1 are at offsets
00h through 03h from the base address in bank 0 and at off-
set 00h in bank 1. The registers that control Port 2 are at off-
sets 04h through 07h from the base address in bank 0. See
Tables 8-1 and 8-2.
• Port Data registers at offsets 00h and 04h read or write
the data bits of Ports 1 and 2, respectively.
• Port Direction registers at offsets 01h and 05h control
the direction of each bit of Ports 1 and 2, respectively.
• Port Output Type registers at offsets 02h and 06h con-
trol the buffer type (open-drain or push-pull) of each bit
of Ports 1 and 2, respectively.
• The GPIO ports have open-drain output signals with in-
ternal pull-ups and TTL input signals. Pull-up Control
registers at offsets 03h and 07h enable or disable the in-
ternal pull-up capability of each bit of Ports 1 and 2, re-
spectively.
Note that GPIO21 on pin 77 is unaffected by the output type or
direction registers - it is always push-pull with no internal pullup.
The output type and pull-up settings for the GPIO17,16 sig-
nals can be locked by setting bits 7,6 of the Port 1 Lock reg-
ister in bank 1.
Reading an output pin returns the internally latched bit val-
ue, not the pin value.
Writing to an input pin has no effect on the pin, except for
internally latching the written value. The latched value is re-
flected on the pin when the direction changes to output.
Upon reset the write latches are initialized to FFh.
The port pins are back-drive protected when the part is pow-
ered down and also when the port is inactive (disabled). AC
and DC are the same as the STB pin, except for IOH/IOL of
4 mA.
The GPIO signals are multiplexed as follows:
• GPIO27-24 are multiplexed with the X-Bus Data Buffer
(XDB) signals XD5-2, respectively.
• GPIO23 is multiplexed with RING.
• GPIO22 is multiplexed with POR.
• GPIO21 is multiplexed with IRSL0 and IRSL2.
• GPIO20 is multiplexed with IRSL1.
• GPIO17 is multiplexed with WDO
A GPIO port must not be enabled at the same address as
another accessible PC87307/PC97307 register. Undefined
results will occur if a GPIO is configured in this way.
TABLE 8-1. The GPIO Registers, Bank 0
GPIO Register
Offset
Type
Hard Reset
Value
Detailed Description
Port 1 Data
00h
R/W
FFh
Reads return the bit or pin value, according to the direction bit.
Writes are saved in this register and affect the output pins.
Port 1 Direction
01h
R/W
00h
Each bit controls the direction of the corresponding port pin.
0 - Input. Reads of Port Data register return pin value.
1 - Output. Reads of Port Data register return bit value.
Port 1 Output Type
02h
R/W
00h
Each bit controls the type of the corresponding port pin.
0 - Open-drain.
1 - Push-pull.
Port 1 Pull-up
Control
03h
R/W
FFh
Each bit controls the internal pull-up for the corresponding port pin.
0 - No internal pull-up.
1 - Internal pull-up.
Port 2 Data
04h
R/W
FFh
Same as Port 1 Data register.
Port 2 Direction
05h
R/W
00h
Same as Port 1 Direction register.
Port 2 Output Type
06h
R/W
00h
Same as Port 1 Output Type register.
Port 2 Pull-up
Control
07h
R/W
FFh
Same as Port 1 Pull-up Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com