Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 163Page - National Semiconductor (TI) PC97307 Datasheet HTML 164Page - National Semiconductor (TI) PC97307 Datasheet HTML 165Page - National Semiconductor (TI) PC97307 Datasheet HTML 166Page - National Semiconductor (TI) PC97307 Datasheet HTML 167Page - National Semiconductor (TI) PC97307 Datasheet HTML 168Page - National Semiconductor (TI) PC97307 Datasheet HTML 169Page - National Semiconductor (TI) PC97307 Datasheet HTML 170Page - National Semiconductor (TI) PC97307 Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 218 page
background image
167
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
76543210
Reset
Required
Scratch Register
(SCR)
Bank 0,
Scratch Data
Non-Extended Mode
Offset 07h
76543210
Reset
Required
0
0
0
0
0
0
0
0
Auxiliary Status
Register (ASCR)
Bank 0,
Reserved
RXBSY or RXACT
TXUR
Reserved
S_EOT
RXWDG
RXF_TOUT
Extended UART, SIR or Sharp-IR Mode
EOF_INF
0
Offset 07h
76543210
Reset
Required
Low Byte Register
(LBGD(L)
Bank 1,
Least Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
High Byte Register
(LBGD(H))
Bank 1,
Most Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 01h
76543210
Reset
Required
x
x
x
x
x
x
x
x
Low Byte Register
(BGD(L))
Bank 2,
Least Significant Byte
Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
x
x
x
x
x
x
x
x
High Byte Register
(BGD(H))
Bank 2,
Most Significant Byte
of Baud Generator
Baud Generator Divisor
Offset 01h
76543210
Reset
Required
0
0
0
0
0
0
0
0
1
and Status Register 1
(EXCR1)
Bank 2,
Extended Control and
DMATH
LOOP
ETDLBK
Reserved
BTEST
EXT_SL
DMANF
DMASWP
Offset 02h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
and Status Register 2
(EXCR2)
Bank 2,
Extended Control and
RF_SIZ0
PRESL0
PRESL1
Reserved
LOCK
TF_SIZ0
TF_SIZ1
RF_SIZ1
Offset 04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com