Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 159Page - National Semiconductor (TI) PC97307 Datasheet HTML 160Page - National Semiconductor (TI) PC97307 Datasheet HTML 161Page - National Semiconductor (TI) PC97307 Datasheet HTML 162Page - National Semiconductor (TI) PC97307 Datasheet HTML 163Page - National Semiconductor (TI) PC97307 Datasheet HTML 164Page - National Semiconductor (TI) PC97307 Datasheet HTML 165Page - National Semiconductor (TI) PC97307 Datasheet HTML 166Page - National Semiconductor (TI) PC97307 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 218 page
background image
163
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
7.17.3
Consumer-IR Configuration Register (RCCFG),
Bank 7, Offset 02h
This register control the basic operation of the Consumer-
IR mode. After reset, the content of this register is 00h.
FIGURE 7-37. RCCFG Register Bitmap
Bits 1,0 - Transmitter Modulator Mode (RC_MMD(1,0))
Determines how infrared pulses are generated from the
transmitted bit string. (see Table 7-30).
TABLE 7-30. Transmitter Modulation Mode Selection
Bit 2 - Transmitter Subcarrier Frequency Select
(TXHSC)
This bit selects the frequency range for the modulation
carrier.
0 - Low frequency: 30-56.9 KHz
1 - High frequency: 400-480 KHz
Bit 3 - Reserved
Read/Write 0.
Bit 4 - Receiver Demodulation Disable (RCDM_DS)
When this bit is 1, the internal demodulator is disabled.
The internal demodulator, when enabled, performs car-
rier frequency checking and envelope detection.
This bit must be set to 1 (disabled), when the demodu-
lation is performed externally, or when oversampling
mode is selected to determine the carrier frequency.
RCCFG
Bits
1 0
Modulation Mode
0 0
C_PLS Modulation mode. Pulses are
generated continuously for the entire logic
0 bit time.
0 1
8_PLS Modulation Mode. 8 pulses are
generated each time one or more logic 0
bits are transmitted following a logic 1 bit.
1 0
6_PLS Modulation Mode. 6 pulses are
generated each time one or more logic 0
bits are transmitted following a logic 1 bit.
1 1
Reserved. Result is indeterminate.
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
Configuration Register
(RCCFG)
Bank 7,
Consumer-IR
RCDM_DS
Reserved
RXHSC
T_OV
R_LEN
RC_MMD0
RC_MMD1
TXHSC
Offset 02h
0 - Internal demodulation enabled.
1 - Internal demodulation disabled.
Bit 5 - Receiver Carrier Frequency Select (RXHSC)
This bit selects the frequency range for the receiver de-
modulator.
0 - Low frequency: 30-56.9 KHz
1 - High frequency: 400-480 KHz
Bit 6 - Receiver Sampling Mode Select(T_OV)
0 - Programmed-T-period sampling.
1 - Oversampling mode.
Bit 7 - Run Length Control (R_LEN)
Enables or disables run length encoding/decoding. The
format of a run length code is:
YXXXXXXX
where, Y is the bit value and XXXXXXX is the number
of bits minus 1 (Selects from 1 to 128 bits).
0 - Run Length Encoding/decoding is disabled.
1 - Run Length Encoding/decoding is enabled.
7.17.4
Link Control/Bank Select Registers (LCR/BSR),
Bank 7, Offset 03h
These registers are the same as the registers at offset
03h in bank 0.
7.17.5
Infrared Interface Configuration Register 1
(IRCFG1), Bank 7, Offset 04h
This register holds the transceiver configuration data for
Sharp-IR and SIR modes. It is also used to directly control
the transceiver operation mode when automatic configura-
tion is not enabled. The four least significant bits are also
used to read the identification data of a Plug and Play infra-
red interface adaptor.
FIGURE 7-38. IRCFG1 Register Bitmap
Bit 0 - Transceiver Identification/Control Bit 0 (IRIC0)
The function of this bit depends on whether the
ID0/IRSL0/IRRX2 pin is programmed as an input or an
output.
If ID0/IRSL0/IRRX2 is programmed as an input
(IRSL0_DS = 0) then:
— Upon read, this bit returns the logic level of the pin
(allowing external devices to identify themselves).
— Data written to this bit position is ignored.
76543210
Reset
Required
x
0
0
0
0
0
0
0
Infrared Configuration
(IRCFG1)
Bank 7,
IRIC(2-0)
Register 1
SIRC(2-0)
IRID3
STRV_MS
Offset 04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com