Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 160Page - National Semiconductor (TI) PC97307 Datasheet HTML 161Page - National Semiconductor (TI) PC97307 Datasheet HTML 162Page - National Semiconductor (TI) PC97307 Datasheet HTML 163Page - National Semiconductor (TI) PC97307 Datasheet HTML 164Page - National Semiconductor (TI) PC97307 Datasheet HTML 165Page - National Semiconductor (TI) PC97307 Datasheet HTML 166Page - National Semiconductor (TI) PC97307 Datasheet HTML 167Page - National Semiconductor (TI) PC97307 Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 218 page
background image
164
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
If ID0/IRSL0/IRXX2 is programmed as an output
(IRSL0_DS = 1), then:
— If AMCFG (bit 7 of IRCFG4) is set to 1, this bit drives
the ID0/IRSL0/IRRX2 pin when Sharp-IR mode is
selected.
— If AMCFG is 0, this bit will drive the ID0/IRSL0/IRRX2
pin, regardless of the selected mode.
Upon read, this bit returns the value previously written.
Bits 2-1 - Transceiver Identification/Control Bits 2-1
(IRIC2-1)
The function of these bits depends on whether the
ID/IRSL(2-1) pins are programmed as inputs or outputs.
If ID/IRSL(2-1) are programmed as input (IRSL21_DS =
0) then:
Upon read, these bits return the logic level of the pins
(allowing external devices to identify themselves).
Data written to these bit positions will be ignored.
If ID/IRSL(2-1) are programmed as output (IRSL21_DS = 1)
then:
If AMCFG (bit 7 of IRCFG4) is set to 1, these bits drive
the ID/IRSL(2-1) pins when Sharp-IR mode is selected.
If AMCFG is 0, these bits will drive the ID/IRSL(2-1)pins,
regardless of the selected mode.
Upon read, these bits return the values previously written.
Bit 3 - Transceiver identification (IRID3)
Upon read, this bit returns the logic level of the ID3 pin.
Data written to this bit position is ignored.
Bits 6-4 - SIR Mode Transceiver Configuration (SIRC(2-0))
These bits will drive the ID/IRSL(2-0) pins when AMCFG
(bit 7 of IRCFG4) is 1 and SIR mode is selected. They
are unused when AMCFG is 0 or when the ID/IRSL (2-
0) pins are programmed as inputs. SIRC0 is also un-
used when the IRSL0_DS bit in IRCFG4 is 0.
Upon read, these bits return the values previously written.
Bit 7 - Special Transceiver Mode Selection (STRV_MS)
When this bit is set to 1, the IRTX output signal is forced
to active high and a timer is started.
The timer times out after 64
µsec, at which time the bit
is reset and the IRTX output signal becomes low again.
The timer is restarted every time a 1 is written to this bit.
Although it is possible to extend the period during which
IRTX remains high beyond 64
µsec, this should be
avoided to prevent damage to the transmitter LED.
Writing a zero to this bit has no effect.
7.17.6
Reserved Register, Bank 7, Offset 05h
7.17.7
Infrared Interface Configuration 3 Register
(IRCFG3), Bank 7, Offset 06h
This register sets the external transceiver configuration for
the low speed and high speed Consumer IR modes of op-
eration. Upon reset, the content of this register is 00h.
FIGURE 7-39. IRCFG3 Register Bitmap
Bits 2-0 - Consumer-IR Mode Transceiver
Configuration, Low-Speed (RCLC)
These bits drive the ID/IRSL(2-0) pins when AMCFG is 1
and Consumer-IR mode with 30-56 KHz receiver carrier
frequency is selected. They are unused when AMCFG is 0
or when the ID/IRSL(2-0) pins are programmed as inputs.
Upon read, these bits return the values previously written.
Bit 3 - Reserved
Read/Write 0.
Bits 6-4 - Consumer-IR Mode Transceiver
Configuration, High-Speed (RCHC)
These bits drive the IRSL(2-0) pins when AMCFG (bit 7
of IRCFG4) is 1 and Consumer-IR mode with 400-480
KHz receiver carrier frequency is selected. They are un-
used when AMCFG is 0 or when the ID/IRSL(2-0) pins
are programmed as inputs.
Upon read, these bits return the values previously written.
Bit 7 - Reserved
Read/Write 0.
7.17.8
Infrared Interface Configuration Register 4
(IRCFG4), Bank 7, Offset 07h
This register configures the receiver data path and enables
the automatic selection of the configuration pins.
After reset, this register contains 00h.
FIGURE 7-40. IRCFG4 Register Bitmap
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
Infrared Configuration
(IRCFG3)
Bank 7,
RCLC(2-0)
Register 3
RCHC(2-0)
Reserved
Reserved
Offset 06h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
Infrared Configuration
(IRCFG4)
Bank 7,
Register 4
Reserved
RXINV
IRSL0_DS
Reserved
AMCFG
Reserved
Reserved
IRSL21_DS
Offset 07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com