Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 171Page - National Semiconductor (TI) PC97307 Datasheet HTML 172Page - National Semiconductor (TI) PC97307 Datasheet HTML 173Page - National Semiconductor (TI) PC97307 Datasheet HTML 174Page - National Semiconductor (TI) PC97307 Datasheet HTML 175Page - National Semiconductor (TI) PC97307 Datasheet HTML 176Page - National Semiconductor (TI) PC97307 Datasheet HTML 177Page - National Semiconductor (TI) PC97307 Datasheet HTML 178Page - National Semiconductor (TI) PC97307 Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 218 page
background image
175
Power Management (Logical Device 8)
www.national.com
9.2.7
Power Management Control 3 Register (PMC3),
Index 04h
Hardware resets this register to 0Eh.
FIGURE 9-7. PMC3 Register Bitmap
Bit 0 - Reserved
This bit is reserved.
Bit 1 - Parallel Port Clock Enable
This bit is ANDed with bit 1 of the SuperI/O Parallel Port
Configuration register at index F0h of logical device 4. If
either bit is cleared to 0, the clock is disabled. Both bits
must be set to 1 to enable the clock.
0 - The clock is disabled.
1 - If bit 1 of the SuperI/O Parallel Port Configuration
register is set to 1, the clock is enabled. (Default)
Bit 2 - UART2 Clock Enable
This bit is ANDed with bit 1 of the SuperI/O UART2 Con-
figuration register at index F0h of logical device 5. If ei-
ther bit is cleared to 0, the clock is disabled. Both bits
must be set to 1 to enable the clock.
0 - The clock is disabled.
1 - If bit 1 of the SuperI/O UART2 Configuration regis-
ter is set to 1, the clock is enabled. (Default)
Bit 3 - UART1 Clock Enable
This bit is ANDed with bit 1 of the SuperI/O UART1 Con-
figuration register at index F0h of logical device 6. If, ei-
ther bit is cleared to 0, the clock is disabled. Both bits
must be set to 1 to enable the clock.
0 - The clock is disabled.
1 - If bit 1 of the SuperI/O UART1 Configuration regis-
ter is set to 1, the clock is enabled. (Default)
Bits 5,4 - Reserved
These bits are reserved.
Bit 6 - UART2 Busy
When set to 1,this read-only bit indicates the UART2 is
busy. It is also accessed via the SuperI/O UART2 Con-
figuration register at index F0h of logical device 5. See
Section 2.8 on page 38.
UART1 Clock Enable
76543210
Reset
Required
0
1
1
1
0
0
0
0
Index 04h
Power Management
Control 3 Register
Reserved
Reserved
UART1 busy
UART2 Busy
UART2 Clock Enable
Parallel Port Clock Enable
(PMC3)
Bit 7 - UART1 Busy
When set to 1,this read-only bit indicates the UART1 is
busy. It is also accessed via the SuperI/O UART2 Configu-
ration register at index F0h of logical device 6. See Section
2.9.1 on page 38.
9.2.8
Watchdog Time-Out (WDTO) Register,
Index 05h
This read/write register specifies the WATCHDOG time-out
period programmed by the user. It does not reflect the cur-
rent count while a countdown is in progress. The time-out
period may be from 1 to 255 minutes.
This register is cleared to 00h after reset. This register is
also reset to zero and disabled when the Power Manage-
ment device is activated.
See “The WATCHDOG Feature” on page 172 for more in-
formation.
FIGURE 9-8. WDTO Register Bitmap
Bits 7-0 - Programmed Time-Out Period
These bits contain the programmed time-out period for
the WATCHDOG timer. They do not reflect the current
count while countdown is in progress.
Writing the value 00h resets the timer and deactivates
the WDO signal. Hardware reset clears the register to
00h, and deactivates the WATCHDOG timer function
and WDO. Software reset deactivates power manage-
ment (logical device 8) and resets the WATCHDOG tim-
er.
Values between 1 and 255 specify the countdown peri-
od, with one minute for each decrement.
When the timer reaches 00h, the WDO signal is enabled
(active low).
Writing a non-zero value to these bits resets the WDO
signal to 1 (inactive high).
9.2.9
WATCHDOG Configuration Register (WDCF),
Index 06h
This register enables or masks the trigger events that re-
start the WATCHDOG timer.
When an enabled trigger event occurs, the programmed
time-out value (the value in the WDTO register) is reloaded
into the WATCHDOG timer. The WATCHDOG timer can
reach zero and activate WDO only if no trigger event occurs
for an entire time-out period.
Trigger events are not affected by the polarity or type of the
module interrupt.
76543210
Reset
Required
0
0
0
0
0
0
0
0
WATCHDOG Time-Out
Index 05h
Programmed Time-Out Period
Register (WDTO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com