Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 173Page - National Semiconductor (TI) PC97307 Datasheet HTML 174Page - National Semiconductor (TI) PC97307 Datasheet HTML 175Page - National Semiconductor (TI) PC97307 Datasheet HTML 176Page - National Semiconductor (TI) PC97307 Datasheet HTML 177Page - National Semiconductor (TI) PC97307 Datasheet HTML 178Page - National Semiconductor (TI) PC97307 Datasheet HTML 179Page - National Semiconductor (TI) PC97307 Datasheet HTML 180Page - National Semiconductor (TI) PC97307 Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 218 page
background image
177
Power Management (Logical Device 8)
www.national.com
9.3
POWER MANAGEMENT REGISTER BITMAPS
Index of a Power
Read Only
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Index Register,
+ 00h
Data in the Indicated Power
76543210
Reset
Required
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Data Register,
+ 01h
KBC Function Enable
76543210
Reset
Required
1
1
1
1
1
1
1
1
Index 00h
Function Enable
UART2 and Infrared Function Enable
Register 1 (FER1),
Reserved
RTC Function Enable
FDC Function Enable
Parallel Port Function Enable
UART1 Function Enable
Reserved
Programmable CS0 Enable
76543210
Reset
Required
1
1
1
1
1
1
1
1
Index 01h
Function Enable
Register 2 (FER2),
Programmable CS1 Enable
Programmable CS2 Enable
Reserved
GPIO Ports Function Enable
FDC TRI-STATE Control
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index 02h
Power Management
Control 1 Register
Parallel Port TRI-STATE Control
UART2 and Infrared TRI-STATE Control
Reserved
Reserved
UART1 TRI-STATE Control
(PMC1),
SuperI/O Clock Source
76543210
Reset
Required
X
X
X
0
0
0
0
Index 03h
Power Management
Control 2 Register
Clock Multiplier Enable
Reserved
Valid Multiplier Clock Status
(PMC2)
UART1 Clock Enable
76543210
Reset
Required
0
1
1
1
0
0
0
0
Index 04h
Power Management
Control 3 Register
Reserved
Reserved
UART1 Busy
UART2 Busy
UART2 Clock Enable
Parallel Port Clock Enable
(PMC3)
76543210
Reset
Required
0
0
0
0
0
0
0
0
WATCHDOG Time-Out
Index 05h
Programmed Time-Out Period
(WDTO) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com