Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 176Page - National Semiconductor (TI) PC97307 Datasheet HTML 177Page - National Semiconductor (TI) PC97307 Datasheet HTML 178Page - National Semiconductor (TI) PC97307 Datasheet HTML 179Page - National Semiconductor (TI) PC97307 Datasheet HTML 180Page - National Semiconductor (TI) PC97307 Datasheet HTML 181Page - National Semiconductor (TI) PC97307 Datasheet HTML 182Page - National Semiconductor (TI) PC97307 Datasheet HTML 183Page - National Semiconductor (TI) PC97307 Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 218 page
background image
180
The Internal Clock
www.national.com
11.0 The Internal Clock
11.1 THE CLOCK SOURCE
The source of the internal clock of the part can be 24 MHz
or 48 MHz clock signals via the X1 pin, or an internal on-
chip clock multiplier fed by the 32.768 KHz crystal of the
Real-Time Clock (RTC). The clock source is determined by
bits 1,0 of the Power Management Control 2 (PMC2) regis-
ter of logical device 8. See Section 9.2.6 on page 174.
These bits are initialized by the CFG2 and CFG3 strap pins.
Toggling of the 32.768 KHz clock cannot be stopped while
VCCH is active. When the 32.768 KHz oscillator is not run-
ning, the internal circuit is blocked.
The internal on-chip clock multiplier generates 48 MHz and
24 MHz.
The Keyboard Controller (KBC) can operate at 8, 12 or 16
MHz. Selection of 8, 12 or 16 MHz for the KBC is done via
the SuperI/O KBC Configuration register at index F0h of
logical device 0. See Section 2.5.1 on page 36. 16 MHz is
not supported when the clock source is 24 MHz via the X1
pin. The KBC clock source can be changed only when the
KBC is inactive (disabled).
11.2 THE INTERNAL ON-CHIP CLOCK MULTIPLIER
Two events can trigger the internal on-chip clock multiplier.
One is power-on while VDD is active. The other is changing
the multiplier enable bit (bit 2 of the PMC2 register of logical
device 8) from 0 to 1. See Section 9.2.6 on page 174. This
bit can also disable the clock multiplier and its output clock.
Once enabled, the output clock of the clock multiplier is fro-
zen until the clock multiplier can provide an output clock that
meets all requirements; then it starts. When the power is
turned on, the part wakes up with the internal on-chip clock
multiplier enabled, provided that it is selected by the
CFG2,3 strap pins.
The 32.768 KHz and output clocks of the internal on-chip
clock multiplier operate regardless of the status of the Mas-
ter Reset (MR) signal. They can operate while MR is active.
The multiplier must have a 32.768 KHz input clock operat-
ing. Otherwise, the multiplier waits until this input clock
starts operating.
Bit 7 of the PMC2 register of logical device 8 is the Valid
Multiplier Clock status bit. When the 32.768 KHz clock tog-
gles before MR becomes active, this bit is usually set to 1
before power-up reset ends (while MR is high, if MR is high
for a few msec).
While it is stabilizing, the output clock is frozen and the sta-
tus bit is cleared to 0 to indicate a frozen clock. When the
clock multiplier becomes stable, the output clock starts tog-
gling and the status bit is set to 1. A longer time is required
to set the Valid Multiplier Clock status bit if the multiplier
waits for a stable 32.768 KHz clock.
The Valid Multiplier Clock status bit indicates when the
clock is operating. Software should poll this bit and activate
(enable) the KBC, FDC, UART1, the UART2 and infrared in-
terface (IR), and the Parallel Port according to its value.
The multiplier and its output clock do not use power when
they are disabled.
11.3 SPECIFICATIONS
• Wake-up time (from the time V
DD becomes valid and the
32.768 KHz clock is operating, until the clock becomes
stable) is a maximum of 1.5 msec.
• Tolerance (long term deviation) of the multiplier output
clock, above the 32.768 KHz tolerance, is
± 110 ppm.
Total tolerance is therefore
± (32.768 KHz clock toler-
ance + 110 ppm).
• Cycle by cycle variance is a maximum of 0.1 ns.
• Power consumption is a maximum of 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com