Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 179Page - National Semiconductor (TI) PC97307 Datasheet HTML 180Page - National Semiconductor (TI) PC97307 Datasheet HTML 181Page - National Semiconductor (TI) PC97307 Datasheet HTML 182Page - National Semiconductor (TI) PC97307 Datasheet HTML 183Page - National Semiconductor (TI) PC97307 Datasheet HTML 184Page - National Semiconductor (TI) PC97307 Datasheet HTML 185Page - National Semiconductor (TI) PC97307 Datasheet HTML 186Page - National Semiconductor (TI) PC97307 Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 218 page
background image
183
Device Description
www.national.com
13.1.4
Power Consumption Under Recommended Operating Conditions
TABLE 13-4. Power Consumption
13.2 DC CHARACTERISTICS OF PINS, BY GROUP
The following tables list the DC characteristics of all device pins described in Section 1.2. The pin list preceeding each table
lists the device pins to which the table applies.
13.2.1
Group 1
Pin List:
A15-0, AEN, ASTRXB, CTS2,1, DACK3-0, DCD2,1, DSKCHG, DSR2,1, ID3-0, INDEX, IRRX2,1, MR, RD, RDATA,
SIN2,1, TC, TRK0, WP, WR, XDRD
TABLE 13-5. DC Characteristics of Group 1 Pins
a. Do not permit VCCH to ramp down at a rate exceeding 1 V/msec. If it does, it may reset the Valid RAM and Time
(VRT) bit (bit 7) of the RTC Control Register D (CRD) at offset 0Dh of logical device 2.
a. Not tested. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
ICC
VDD Average Main Supply Current
a
VIL = 0.5 V
VIH = 2.4 V
No Load
32
50
mA
ICCSB
VDD Quiescent Main Supply Current in Low Power
Mode
VIL = VSS
VIH = VDD
No Load
1.3
1.7
mA
ICCH
VCCH RTC/APC (Logical Device 2) Help Supply
Current
VCCH = 5 V ±10%
2mA
IBAT
VBAT Battery Supply Current
VBAT = 3 V
2
µA
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5 a
0.8
V
IIL
Input Leakage Current
VIN = VDD
10
µA
VIN = VSS
−10
µA
VH
Input Hysteresis
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com