Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 180Page - National Semiconductor (TI) PC97307 Datasheet HTML 181Page - National Semiconductor (TI) PC97307 Datasheet HTML 182Page - National Semiconductor (TI) PC97307 Datasheet HTML 183Page - National Semiconductor (TI) PC97307 Datasheet HTML 184Page - National Semiconductor (TI) PC97307 Datasheet HTML 185Page - National Semiconductor (TI) PC97307 Datasheet HTML 186Page - National Semiconductor (TI) PC97307 Datasheet HTML 187Page - National Semiconductor (TI) PC97307 Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 218 page
background image
184
Device Description
www.national.com
13.2.2
Group 2
Pin List:
BUSY, PE, SLCT, WAIT
Output from SLCT, PE and BUSY is open-drain in all SPP modes, except in SPP Compatible mode when the setup mode
is ECP-based FIFO and bit 4 of the Control2 parallel port register is 1. (See Table 6-1 on page 112.) Otherwise, output from
these signals is level 2. External 4.7 K
Ω pull-up resistors should be used. PE is controlled by bit 2 of PP Confg0, and it is in
Group 2 only if bit 2 of PP Confg0 Register is “0”. See Section 6.5.19 on page 127.
All group 2 pins are back-drive protected.
TABLE 13-6. DC Characteristics of Group 2 Pins
13.2.3
Group 3
Pin List:
ACK, ERR, PE
Output from ACK and ERR is open-drain in all SPP modes, except in SPP Compatible mode when the setup mode is ECP-
based FIFO and bit 4 of the Control2 parallel port register is 1. (See Table 6-1 on page 112.) Otherwise, output from these
signals is level 2. External 4.7 K
Ω pull-up resistors should be used. PE is controlled by bit 2 of PP Confg0, and it is in
Group 2 only if bit 2 of PP Confg0 Register is “0”. See section 6.5.19 on page 127.
All group 3 pins are back-drive protected.
TABLE 13-7. DC Characteristics of Group 3 Pins
13.2.4
Group 4
Pin List:
MSEN1,0, SELCS
SELCS is a CMOS input pin.
TABLE 13-8. DC Characteristics of Group 4 Pins
a. Not tested. Guaranteed by design.
a. Not tested. Guaranteed by design.
a. Not tested. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5 a
0.8
V
IIL
Input Leakage Current
VIN = VDD
120
µA
VIN = VSS
−10
µA
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5 a
0.8
V
IIL
Input Leakage Current
VIN = VDD
10
µA
VIN = VSS
−250
µA
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5 a
0.8
V
IIL
Input Leakage Current
During Reset: VIN = VDD
10
µA
VIN = VSS
−150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com