Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 183Page - National Semiconductor (TI) PC97307 Datasheet HTML 184Page - National Semiconductor (TI) PC97307 Datasheet HTML 185Page - National Semiconductor (TI) PC97307 Datasheet HTML 186Page - National Semiconductor (TI) PC97307 Datasheet HTML 187Page - National Semiconductor (TI) PC97307 Datasheet HTML 188Page - National Semiconductor (TI) PC97307 Datasheet HTML 189Page - National Semiconductor (TI) PC97307 Datasheet HTML 190Page - National Semiconductor (TI) PC97307 Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 218 page
background image
187
Device Description
www.national.com
13.2.10 Group 10
Pin List:
GPIO27-10, XD5-2, WDO
GPIO27-10 are back-drive protected.
TABLE 13-16. DC Characteristics of Group 10 Input Pins
TABLE 13-17. DC Characteristics of Group 10 Output Pins
13.2.11 Group 11
Pin List:
KBCLK, KBDAT, MCLK, MDAT
Output from these signals is open-drain and cannot be forced high.
TABLE 13-18. DC Characteristics of Group 11 Input Pins
TABLE 13-19. DC Characteristics of Group 11 Output Pins
a. Not tested. Guaranteed by design.
b. For GPIO pins the IIL(Max) = −550µA.
a. IOH is valid for a GPIO signal only when it is not configured as open-drain.
a. Not tested. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5a
0.8
V
VH
Hysteresis
250
mV
IIL
Input Leakage Current
VIN = VDD
100
µA
VIN = VSS
−10b
µA
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −2 mA
a
2.4
V
VOL
Output Low Voltage
IOL = 2 mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5 a
0.8
V
VH
Hysteresis
250
mV
Symbol
Parameter
Conditions
Min
Max
Units
VOL
Output Low Voltage
IOL = 16 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com