Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 187Page - National Semiconductor (TI) PC97307 Datasheet HTML 188Page - National Semiconductor (TI) PC97307 Datasheet HTML 189Page - National Semiconductor (TI) PC97307 Datasheet HTML 190Page - National Semiconductor (TI) PC97307 Datasheet HTML 191Page - National Semiconductor (TI) PC97307 Datasheet HTML 192Page - National Semiconductor (TI) PC97307 Datasheet HTML 193Page - National Semiconductor (TI) PC97307 Datasheet HTML 194Page - National Semiconductor (TI) PC97307 Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 218 page
background image
191
Device Description
www.national.com
13.2.22 Group 22
Pin List:
IOCHRDY, ZWS
TABLE 13-33. DC Characteristics of Group 22 Output Pins
13.2.23 Group 23
Pin List:
ONCTL
This pin is back-drive protected and open-drain. VOH is not tested for ONCTL.
TABLE 13-34. DC Characteristics of Group 23 Output Pins
13.3 AC ELECTRICAL CHARACTERISTICS
13.3.1
AC Test Conditions TA = 0 °C to 70 °C, VDD = 5.0 V ±10%
FIGURE 13-1. AC Test Conditions, TA = 0 °C to 70 °C, VDD = 5.0 V ±10%
Notes:
1. CL = 100 pF, includes jig and scope capacitance.
2. S1 = Open for push-pull output pins.
S1 = VDD for high impedance to active low and active low to high impedance measurements.
S1 = GND for high impedance to active high and active high to high impedance measurements.
RL = 1.0KΩ for µP interface pins.
3. For the FDC open-drive interface pins, S1 = VDD and RL = 150Ω.
Symbol
Parameter
Symbol
Conditions
Min
Max
Units
VOH
Output High Voltage
VOH
IOH = −15 mA
2.4
V
VOL
Output Low Voltage
VOL
IOL = 24 mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Units
VOL
Output Low Voltage
IOL = 14 mA
0.4
V
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit (Notes 1, 2, 3)
AC Testing Input, Output Waveform
VDD
2.4
0.4
2.0
0.8
Test Points
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com