Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 186Page - National Semiconductor (TI) PC97307 Datasheet HTML 187Page - National Semiconductor (TI) PC97307 Datasheet HTML 188Page - National Semiconductor (TI) PC97307 Datasheet HTML 189Page - National Semiconductor (TI) PC97307 Datasheet HTML 190Page - National Semiconductor (TI) PC97307 Datasheet HTML 191Page - National Semiconductor (TI) PC97307 Datasheet HTML 192Page - National Semiconductor (TI) PC97307 Datasheet HTML 193Page - National Semiconductor (TI) PC97307 Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 218 page
background image
190
Device Description
www.national.com
13.2.17 Group 17
Pin List:
BOUT2,1, DTR2,1, IRSL2-0, RTS2,1, SOUT2,1.
TABLE 13-28. DC Characteristics of Group 17 Output Pins
13.2.18 Group 18
Pin List:
DRQ3-0
TABLE 13-29. DC Characteristics of Group 18 Output Pins
13.2.19 Group 19
Pin List:
IRTX
TABLE 13-30. DC Characteristics of Group 19 Output Pins
13.2.20 Group 20
Pin List:
DRATE0
TABLE 13-31. DC Characteristics of Group 20 Output Pins
13.2.21 Group 21
Pin List:
CS0, CSOUT, POR
TABLE 13-32. DC Characteristics of Group 21 Output Pins
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −6 mA
2.4
V
VOL
Output Low Voltage
IOL = 12 mA
0.4
V
VH
Hysteresis
250
mV
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −15 mA
2.4
V
VOL
Output Low Voltage
IOL = 24 mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −6mA
2.4
V
VOL
Output Low Voltage
IOL = 12 mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −6 mA
2.4
V
VOL
Output Low Voltage
IOL = 6 mA
0.4
V
Parameter
Conditions
Min
Max
Units
Output High Voltage
Open-Drain
Output Low Voltage
IOL = 2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com