Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 189 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 189 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 185Page - National Semiconductor (TI) PC97307 Datasheet HTML 186Page - National Semiconductor (TI) PC97307 Datasheet HTML 187Page - National Semiconductor (TI) PC97307 Datasheet HTML 188Page - National Semiconductor (TI) PC97307 Datasheet HTML 189Page - National Semiconductor (TI) PC97307 Datasheet HTML 190Page - National Semiconductor (TI) PC97307 Datasheet HTML 191Page - National Semiconductor (TI) PC97307 Datasheet HTML 192Page - National Semiconductor (TI) PC97307 Datasheet HTML 193Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 218 page
background image
189
Device Description
www.national.com
13.2.14 Group 14
Pin List:
PD7-0
Group 14 pins are back-drive protected.
TABLE 13-24. DC Characteristics of Group 14 Input Pins
TABLE 13-25. DC Characteristics of Group 14 Output Pins
13.2.15 Group 15
Pin List:
IRQ1,3,4,5,6,7,8,9,10,11,12,14,15.
TABLE 13-26. DC Characteristics of Group 15 Output Pins
13.2.16 Group 16
Pin List:
DENSEL, DIR, DR1,0, HDSEL, MTR1,0, STEP, WDATA, WGATE.
TABLE 13-27. DC Characteristics of Group 16 Output Pins
a. Not tested. Guaranteed by design.
a. Output from PD7-0 is open-drain in all SPP modes, except in SPP Compatible mode when the setup
mode is ECP-based (FIFO) and bit 4 of the Control2 parallel port register is 1. (See Table 6-1 on page
112.) Otherwise, output from these signals is Level 2. External 4.7 K
Ω pull-up resistors should be used.
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input High Voltage
2.0
VDD
a
V
VIL
Input Low Voltage
−0.5 a
0.8
V
VH
Hysteresis
250
mV
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage a
IOH = −14 mA
2.4
V
VOL
Output Low Voltage
IOL = 14mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −15 mA
2.4
V
VOL
Output Low Voltage
IOL = 24 mA
0.4
V
VH
Hysteresis
250
mV
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = −4 mA
2.4
V
VOL
Output Low Voltage
IOL = 40 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com