Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 178Page - National Semiconductor (TI) PC97307 Datasheet HTML 179Page - National Semiconductor (TI) PC97307 Datasheet HTML 180Page - National Semiconductor (TI) PC97307 Datasheet HTML 181Page - National Semiconductor (TI) PC97307 Datasheet HTML 182Page - National Semiconductor (TI) PC97307 Datasheet HTML 183Page - National Semiconductor (TI) PC97307 Datasheet HTML 184Page - National Semiconductor (TI) PC97307 Datasheet HTML 185Page - National Semiconductor (TI) PC97307 Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 218 page
background image
182
Device Description
www.national.com
13.0 Device Description
13.1 GENERAL DC ELECTRICAL CHARACTERISTICS
13.1.1
Recommended Operating Conditions
TABLE 13-1. Recommended Operating Conditions
13.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur.
Unless otherwise specified, all voltages are relative to ground.
TABLE 13-2. Absolute Maximum Ratings
13.1.3
Capacitance
TABLE 13-3. Capacitance: T
A
= 25
°C, f = 1 MHz
a. Value based on test complying with RAI-5-048-RA human body model ESD testing.
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
VDD, VCCH Supply Voltage
4.5
5.0
5.5
V
VBAT
Battery Backup Supply Voltage
2.4
3.0
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply Voltage
−0.5
6.5
V
VI
Input Voltage
−0.5
VDD + 0.5
V
VO
Output Voltage
−0.5
VDD + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1
W
TL
Lead Temperature
Soldering (10 sec.)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω a
1500
V
Symbol
Parameter
Min
Typical
Max
Unit
CIN
Input Pin Capacitance
5
7
pF
CIN1
Clock Input Capacitance
8
10
pF
CIO
I/O Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
6
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com