Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 208 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 208 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 204Page - National Semiconductor (TI) PC97307 Datasheet HTML 205Page - National Semiconductor (TI) PC97307 Datasheet HTML 206Page - National Semiconductor (TI) PC97307 Datasheet HTML 207Page - National Semiconductor (TI) PC97307 Datasheet HTML 208Page - National Semiconductor (TI) PC97307 Datasheet HTML 209Page - National Semiconductor (TI) PC97307 Datasheet HTML 210Page - National Semiconductor (TI) PC97307 Datasheet HTML 211Page - National Semiconductor (TI) PC97307 Datasheet HTML 212Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 218 page
background image
208
Device Description
www.national.com
13.3.18 Enhanced Parallel Port 1.9 Timing
TABLE 13-54. Enhanced Parallel Port 1.9 Timing Parameters
FIGURE 13-25. Enhanced Parallel Port 1.9 Timing
a. When WAIT is low, tWST19a and tWW19a are measured after WR or RD becomes active; else tWST19a and
tWW19a are measured after WAIT becomes low.
b. The design guarantees that WRITE will not change from low to high before DSTRB, or ASTRB, goes from low
to high.
c. D7-0 is stable 15 nsec before WR becomes active.
Symbol
Parameter
Notes
Min
Max
Unit
tWW119a
WRITE Active from WR Active or WAIT Low
a
45
nsec
tWW19ia
WRITE Inactive from WAIT Low
45
nsec
tWST19a
DSTRB or ASTRB Active from WR or RD Active or WAIT Low
a b
65
nsec
tWST19ia
DSTRB or ASTRB Inactive from WR or RD High
45
nsec
tWEST19
DSTRB or ASTRB Active after WRITE Active
10
nsec
tWPD19h
PD7-0 Hold after WRITE Inactive
0
nsec
tHRW19
IOCHRDY Active after WR or RD Active or Inactive after WAIT High
40
nsec
tWPDS19
PD7-0 Valid after WRITE Active
c
15
nsec
tEPDW19
PD7-0 Valid Width
80
nsec
tEPD19h
PD7-0 Hold after DSTRB or ASTRB Inactive
0
nsec
tZWS19a
ZWS Valid after WR or RD Active
45
nsec
tZWS19h
ZWS Hold after WR or RD Inactive
0
nsec
WR
RD
D7-0
WRITE
DSTRB
ASTRB
PD7-0
WAIT
IOCHRDY
Valid
Valid
tWST19a
tHRW19
tHRW19
tWST19a
tWW19ia
tWPD19h
tWST19ia
tEPD19h
tEPDW19
or
tHRW19
tZWS19a
tZWS19h
tZWS19a
tZWS19h
ZWS
tWW19a
tWST19ia
tWST19a
{Note a}
{Note a}
tWW19a
{Note a}
tHRW19
tWPDS19
tWEST19
tWST19a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com