Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 202Page - National Semiconductor (TI) PC97307 Datasheet HTML 203Page - National Semiconductor (TI) PC97307 Datasheet HTML 204Page - National Semiconductor (TI) PC97307 Datasheet HTML 205Page - National Semiconductor (TI) PC97307 Datasheet HTML 206Page - National Semiconductor (TI) PC97307 Datasheet HTML 207Page - National Semiconductor (TI) PC97307 Datasheet HTML 208Page - National Semiconductor (TI) PC97307 Datasheet HTML 209Page - National Semiconductor (TI) PC97307 Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 218 page
background image
206
Device Description
www.national.com
13.3.16 Parallel Port Timing
TABLE 13-52. Standard Parallel Port Timing
FIGURE 13-21. Parallel Port Interrupt Timing (Compatible Mode)
FIGURE 13-22. Parallel Port Interrupt Timing (Extended Mode)
FIGURE 13-23. Typical Parallel Port Data Exchange
Symbol
Parameter
Conditions
Typical
Max
Unit
tPDH
Port Data Hold
These times are system dependent and are
therefore not tested.
500
nsec
tPDS
Port Data Setup
These times are system dependent and are
therefore not tested.
500
nsec
tPILa
Port Active Low Interrupt, Active
33
nsec
tPILia
Port Active Low Interrupt, Inactive
33
nsec
tPIHa
Port Active High Interrupt, Active
33
nsec
tPIHia
Port Active High Interrupt, Inactive
33
nsec
tPIz
Port Active High Interrupt, TRI-STATE
33
nsec
tSW
Strobe Width
These times are system dependent and are
therefore not tested.
500
nsec
tPILa
tPILia
ACK
IRQ
tPIHa
tPIHia
tPIHa
tPIz
ACK
IRQ
RD STR
WR CTR4 = 0
(TRI-STATE)
tPDS
tPDH
tSW
BUSY
ACK
PD7-0
STB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com