Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 198Page - National Semiconductor (TI) PC97307 Datasheet HTML 199Page - National Semiconductor (TI) PC97307 Datasheet HTML 200Page - National Semiconductor (TI) PC97307 Datasheet HTML 201Page - National Semiconductor (TI) PC97307 Datasheet HTML 202Page - National Semiconductor (TI) PC97307 Datasheet HTML 203Page - National Semiconductor (TI) PC97307 Datasheet HTML 204Page - National Semiconductor (TI) PC97307 Datasheet HTML 205Page - National Semiconductor (TI) PC97307 Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 218 page
background image
202
Device Description
www.national.com
13.3.11 DMA Timing
TABLE 13-45. FDC DMA Timing
FIGURE 13-15. FDC DMA Timing
a. tDRP and tICP are defined in Table 13-36.
b. Only in case of pending DRQ.
c. Values shown are with the FIFO disabled, or with FIFO enabled and THRESH = 0. For nonzero values of
THRESH, add (THRESH x 8 x tDRP) to the values shown.
d. The active edge of RD or WR and TC is recognized only when DACK is active.
Symbol
Parameter
Min
Max
Unit
tKI
DACK Inactive Pulse Width
25
nsec
tKK
DACK Active Pulse Width
65
nsec
tKQ
DACK Active Edge to DRQ Inactive
65
nsec
tQK
DRQ to DACK Active Edge
10
nsec
tQP
DRQ Period (Except Non-Burst DMA)
8 x tDRP
a
tQQ
DRQ Inactive Non-Burst Pulse Width
300
400 b
nsec
tQR
DRQ to RD, WR Active
15
nsec
tQW
DRQ to End of RD, WR (DRQ Service Time)
(8 x tDRP) − (16 x tICP)
ac
tQT
DRQ to TC Active (DRQ Service Time)
(8 x tDRP) − (16 x tICP)
a c
tRQ
RD, WR Active Edge to DRQ Inactive d
65
nsec
tTQ
TC Active Edge to DRQ Inactive
75
nsec
tTT
TC Active Pulse Width
50
nsec
tQK
tKQ
tQP
tTT
tKK
tQR
tQQ
tKI
tQW
tRQ
tQT
tTQ
DRQ
DACK
RD, WR
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com