Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 199 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 199 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 195Page - National Semiconductor (TI) PC97307 Datasheet HTML 196Page - National Semiconductor (TI) PC97307 Datasheet HTML 197Page - National Semiconductor (TI) PC97307 Datasheet HTML 198Page - National Semiconductor (TI) PC97307 Datasheet HTML 199Page - National Semiconductor (TI) PC97307 Datasheet HTML 200Page - National Semiconductor (TI) PC97307 Datasheet HTML 201Page - National Semiconductor (TI) PC97307 Datasheet HTML 202Page - National Semiconductor (TI) PC97307 Datasheet HTML 203Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 218 page
background image
199
Device Description
www.national.com
13.3.7
UART, Sharp-IR and Consumer-IR Timing
TABLE 13-41. UART, Sharp-IR and Consumer Remote Control Timing
FIGURE 13-11. UART, Sharp-IR and Consumer Remote Control Timing
a. tBTN is the nominal bit time in UART, Sharp-IR, SIR and Consumer Remote Control modes. It is determined by
the setting of the Baud Rate Generator Divisor registers BGDL and BGDH at offsets 00h and 01h, respectively.
b. tCWN is the nominal pulse width of the modulation signal for Sharp-IR and Consumer Remote Control modes.
It is determined by the MCPW field (bits 7-5) of the IRTXMC register at offset 01h and the TXHSC bit (bit 2) in
the RCCFG register at offset 02h. Both registers are in bank 7 of logical device 5.
c. tCPN is the nominal period of the modulation signal for Sharp-IR and Consumer Remote Control modes. It is
determined by the MCFR field (bits 4-0) of the IRTXMC register at offset 01h and the TXHSC bit (bit 2) of the
RCCFG register at offset 02h. Both registers are in bank 7 of logical device 5.
d. tMMIN and tMMAX define the time range within which the period of the incoming carrier signal has to fall in
order for the signal to be accepted by the receiver. These time values are determined by the content of regis-
ter IRRXDC at offset 00h and the setting of the RXHSC bit (bit 5) in the RCCFG register at offset 02h. Both
registers are in bank 7 of logical device 5.
Symbol
Parameter
Conditions
Min
Max
Unit
tBT
Single Bit Time in UART and Sharp-IR
Transmitter
tBTN − 30
a
tBTN + 30
nsec
Receiver
tBTN − 2%
tBTN + 2%
nsec
tCMW
Modulation Signal Pulse Width in Sharp-IR and
Consumer Remote Control
Transmitter
tCWN − 30
b
tCWN + 30
nsec
Receiver
500
nsec
tCMP
Modulation Signal Period in Sharp-IR and
Consumer Remote Control
Transmitter
tCPN − 30
c
tCPN + 30
nsec
Receiver
tMMIN
d
tMMAX
d
nsec
UART
tCMW
tCMP
Sharp-IR
Consumer Remote Control
tBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com