Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 199Page - National Semiconductor (TI) PC97307 Datasheet HTML 200Page - National Semiconductor (TI) PC97307 Datasheet HTML 201Page - National Semiconductor (TI) PC97307 Datasheet HTML 202Page - National Semiconductor (TI) PC97307 Datasheet HTML 203Page - National Semiconductor (TI) PC97307 Datasheet HTML 204Page - National Semiconductor (TI) PC97307 Datasheet HTML 205Page - National Semiconductor (TI) PC97307 Datasheet HTML 206Page - National Semiconductor (TI) PC97307 Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 218 page
background image
203
Device Description
www.national.com
TABLE 13-46. ECP DMA Timing
FIGURE 13-16. ECP DMA Timing
a. One DMA transaction takes six clock cycles.
b. tCP is defined in Table 13-35.
c. Only in case of pending DRQ.
d. The active edge of RD or WR and TC is recognized only when DACK is active.
Symbol
Parameter
Min
Max
Unit
tKIP
DACK Inactive Pulse Width
25
nsec
tKKP
DACK Active Pulse Width
65
nsec
tKQP
DACK Active Edge to DRQ Inactive ab
65 + (6 x 32 x tCP)
nsec
tQKP
DRQ to DACK Active Edge
10
nsec
tQPP
DRQ Period
330
nsec
tQQP
DRQ Inactive Non-Burst Pulse Width
300
400 c
nsec
tQRP
DRQ to RD, WR Active
15
nsec
tRQP
RD, WR Active Edge to DRQ Inactive d
65
nsec
tTQP
TC Active Edge to DRQ Inactive
75
nsec
tTT
TC Active Pulse Width
50
nsec
tQKP
tKQP
tQPP
tTT
tKKP
tQRP
tQQP
tKIP
tRQP
tTQP
DRQ
DACK
RD, WR
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com