Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 210Page - National Semiconductor (TI) PC97307 Datasheet HTML 211Page - National Semiconductor (TI) PC97307 Datasheet HTML 212Page - National Semiconductor (TI) PC97307 Datasheet HTML 213Page - National Semiconductor (TI) PC97307 Datasheet HTML 214Page - National Semiconductor (TI) PC97307 Datasheet HTML 215Page - National Semiconductor (TI) PC97307 Datasheet HTML 216Page - National Semiconductor (TI) PC97307 Datasheet HTML 217Page - National Semiconductor (TI) PC97307 Datasheet HTML 218Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 214 / 218 page
background image
214
Glossary
www.national.com
DSR
Data rate Select Register of the Floppy Disk Con-
troller (FDC) for write operations (logical device 3,
offset 4h) and the Data Status Register in Extend-
ed Capabilities Port (ECP) modes (logical device 4,
offset 001h).
DTR
Data Register of the parallel port in SPP or EPP
modes. (Logical device 4, offset 00h.)
EAR
Extended Auxiliary Register of the parallel port in
Extended Capabilities Port (ECP) modes. (Logical
device 4, offset 405h.)
ECP
Extended Capabilities Port.
ECR
Extended Control Register for the parallel port in
Extended Capabilities Port (ECP) modes. (Logical
device 4, offset 402h.)
EDR
Extended Data Register for the parallel port in ex-
tended Capabilities Port (ECP) modes. (Logical de-
vice 4, offset 404h.).
EIR
Extended Index Register of the parallel port Ex-
tended Capabilities Port (ECP) modes (logical de-
vice 4, offset 403h) and Event Identification
Register for UART1 (logical device 6, offset 01h, di-
visor latch registers not accessible, bit 7 of LCR =
0) and for UART2 for read cycles (logical device 5,
bank 0, offset 02h).
Extended UART Operation Mode
This UART operation mode supports standard
16450 and 16550A UART operations plus addition-
al interrupts and DMA features. It does not include
infrared or Consumer Remote Control modes.
EPP
Enhanced Parallel Port.
EXCR1 and EXCR2
Extended Control Registers 1 and 2 for UART2.
(Logical device 5, bank 2, offsets 02h and 04h, re-
spectively.)
FCR
The FIFO Control Register for UART1 (logical de-
vice 6, offset 02h) and for UART2 for write cycles
(logical device 5, bank 0, offset 02h).
FDC
Floppy Disk Controller.
FDD
Floppy Disk Drive.
FER1 and FER2
Function Enable Registers of the Power Manage-
ment device (Logical device 8, offsets 00h and 01h,
respectively.).
FIFO
Data register (FIFO queue) of the Floppy Disk Con-
troller (FDC). (Logical device 3, offset 05h.)
GPIO
General Purpose I/O - I/O pins available for general
use.
IER
The Interrupt Enable Register for UART1 (logical
device 6, offset 01h, divisor latch registers not ac-
cessible, bit 7 of LCR = 0) and for UART2 (logical
device 5, bank 0, offset 01h).
IIR
The Interrupt Identification Register for UART1.
(Logical device 6, offset 02h.)
Index
The Index register is a pointer that is used to ad-
dress other registers.
IR
InfraRed.
IRCFG1, IRCFG3 and IRCFG4
Infrared module Configuration registers for UART2.
(Logical device 5, bank 7, offsets 04h, 06h and
07h, respectively.)
IRCR1, IRCR2 and IRCR3
Infrared Module Control Registers 1, 2 and 3 for
UART2. (Logical device 5. IRCR1 is in bank 4, off-
set 02h; IRCR2 is in bank 5, offset 04h; IRCR3 is in
bank 6, offset 00h.)
IrDA
Infrared Data Association.
IrDA-2 mode
In this mode, the part provides the Infrared Data
Association standard compliant interface.
IRQ
Interrupt Request.
IRRXDC
Infrared Receiver Demodulator Control register for
UART2. (Logical device 5, bank 7, offset 00h.)
IRTXMC
Infrared Transmitter Modulator Control register for
UART2. (Logical device 5, bank 7, offset 01h.)
ISA
Industry Standard Architecture for the PC bus.
LCR
Line Control Register for UART1 (logical device 6,
offset 03h) and for UART2 when enabled, i.e.,
when bit 7 of this register is 0 (logical device 5, all
banks, offset 03h).
Legacy
Usually refers to older devices or systems that are
not Plug and Play compatible.
Legacy Mode
In this mode, the interrupts and the base addresses
of the FDC, UARTs, KBC, RTC and the parallel
port of the part are configured as in earlier Su-
perI/O chips.
LFSR
The Linear Feedback Shift Register. In Plug and
Play mode, this register is used to prepare the chip
for operation in Plug and Play (PnP) mode.
LSB
Least Significant Byte or Bit.
LSR
Line Status Register for UART1 (logical device 6,
offset 05h) and for UART2 in Non-Extended modes
only (logical device 5, bank 0, offset 05h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com