Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 210Page - National Semiconductor (TI) PC97307 Datasheet HTML 211Page - National Semiconductor (TI) PC97307 Datasheet HTML 212Page - National Semiconductor (TI) PC97307 Datasheet HTML 213Page - National Semiconductor (TI) PC97307 Datasheet HTML 214Page - National Semiconductor (TI) PC97307 Datasheet HTML 215Page - National Semiconductor (TI) PC97307 Datasheet HTML 216Page - National Semiconductor (TI) PC97307 Datasheet HTML 217Page - National Semiconductor (TI) PC97307 Datasheet HTML 218Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 215 / 218 page
background image
215
Glossary
www.national.com
MCR
Modem Control Register for UART1 (logical device
6, offset 04h) and for UART2 (logical device 5,
bank 0, offset 04h).
MSB
Most Significant Byte or Bit.
MSR
Main Status Register of the Floppy Disk Controller
(FDC) (logical device 3, offset 4h) and Modem Sta-
tus Register for UART1 for read operations (logical
device 6, offset 06h) and for UART2 (logical device
5, bank 0, offset 06h).
Non-Extended UART Operation Modes
These UART operation modes support only UART
operations that are standard for 15450 or 16550A
devices.
NVM
Non-volatile memory.
P_BGDH and P_BGDL
Pipeline Baud rate Generator Divisor buffer (High
and Low bytes) for UARTs. (Logical devices 5 and
6, bank 5, offsets 01h and 00h, respectively.)
PIO
Programmable Input/Output.
P_MDR
Pipeline Mode Register for UARTs. (Logical devic-
es 5 and 6, bank 5, offset 02h.)
Plug and Play
A design philosophy and a set of specifications that
describe hardware and software changes to the PC
and its peripherals that automatically identify and
arbitrate resource requirements among all devices
and buses on the system. Plug and Play is some-
times abbreviated as PnP.
PM
Power Management.
PMC1, PMC2 and PMC3
Power Management Control registers of logical de-
vice 8 at offsets 02h, 03h and 04h, respectively.
PnP
Sometimes used to indicate Plug and Play.
PnP Mode
In this mode, the interrupts, the DMA channels and
the base address of the FDC, UARTs, KBC, RTC,
GPIO, APC and the Parallel Port of the part are ful-
ly Plug and Play.
PP Confg0
Internal configuration register of the Parallel Port in
Extended Capabilities Port (ECP) modes. (Logical
device 4, second level offset 05h.)
Precompensation
Also called write precompensation, is a way of pre-
conditioning the
WDATA output signal to adjust for
the effects of bit shift on the data as it is written to
the disk surface.
RBR
Receiver Buffer Register for UART1, read opera-
tions only (logical device 6, offset 00h, divisor latch
registers not accessible, bit 7 of LCR = 0).
RCCFG
Consumer Remote Control Configuration register
for UART2. (Logical device 5, bank 7, offset 02h.)
RLC
Run Length Count byte for parallel ports.
RLE
Run Length Expander for parallel ports.
RLR
RAM Lock Register for Advanced Power Control
(APC). (Logical device 2, offset 47h.)
RSR
Internal Receiver Shift Register for UART1.
RTC
Real-Time Clock.
RXDR
Receiver Data Register for read cycles for UART2.
(Logical device 5, bank 0, offset 00h.)
RXFLV
Reception FIFO Level for UART2. (Logical device
5, bank 2, offset 07h.)
SCR
Scratch Register for UART1 (logical device 6, off-
set 07h) and for UART2 in UART operation mode
(logical device 5, bank 0, offset 07h).
SH_FCR
Shadow of the FIFO Control Register (FCR) for
UART2 for read operations. (Logical device 5, bank
3, offset 02h.)
SH_LCR
Shadow of the Line Control Register (LCR) for
UART2 for read operations. (Logical device 5, bank
3, offset 01h.)
Sharp IR
Sharp Infrared.
Sharp IR Mode
In this mode, the part supports a Sharp Infrared in-
terface.
SIO
SuperI/O, sometimes used to refer to a chip that
has
SuperI/O
capabilities,
e.g.,
the
PC87307/PC97307 VUL device.
SIR
Serial Infrared.
SIR_PW
SIR Pulse Width control for UART2. (Logical device
5, bank 6, offset 02h.)
SPP
The Standard Parallel Port configuration of the Par-
allel Port device (Logical device 4) supports the
Compatible SPP mode and the Extended PP
mode.
SRA and SRB
Status Registers A and B of the Floppy Disk Con-
troller (FDC). (Logical device 3, offsets 0h and 1h,
respectively.)
ST0, ST1, ST2 and ST3
Status registers 0, 1, 2 and 3 of the Floppy Disk
Controller (FDC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com