Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 279 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 275Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 276Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 277Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-1
A
adder 1-7
Address Arithmetic Logic Unit (Address ALU) 1-7
Address Attribute Priority Disable (APD) bit 4-13
Address Attribute Registers (AAR) 4-21
, 4-26
Bus Access Type (BAT) 4-28
Bus Address Attribute Polarity (BAAP) 4-27
Bus Address to Compare (BAC) 4-26
Bus Number of Address Bits to Compare (BNC) 4-26
Bus Packing Enable (BPAC) 4-27
Bus Program Memory Enable (BPEN) 4-27
Bus X Data Memory Enable (BXEN) 4-27
Bus Y Data Memory Enable (BYEN) 4-27
programming sheet B-16
Address Generation Unit (AGU) 1-7
Address Mode Wakeup 8-3
Address Trace Enable (ATE) bit 4-13
Address Trace mode 1-5
addressing modes 1-8
Alignment Control (ALC) bit 7-14
Arithmetic Saturation Mode (SM) bit 4-8
Asynchronous Bus Arbitration Enable (ABE) bit 4-13
asynchronous data transfer 8-2
Asynchronous mode 7-9
, 8-2, 8-13, 8-15, 8-16
Asynchronous Multidrop mode 8-15
B
barrel shifter 1-6
bit-oriented instructions 5-1
BCHG 5-1
BCLR 5-1
BRCLR 5-1
BRSET 5-1
BSCLR 5-1
BSET 5-1
BSSET 5-1
BTST 5-1
JCLR 5-1
JSCLR 5-1
JSET 5-1
JSSET 5-1
bootstrap 3-1
, 3-2
code 8-7
program 4-6
, A-1
program options, invoking 4-6
ROM 1-5
Boundary Scan Register (BSR) 4-34
Burst Mode Enable (BE) bit 4-14
bus
address 2-2
data 2-2
external address 2-5
external data 2-5
internal 1-10
multiplexed 2-2
non-multiplexed 2-2
Bus Access Type (BAT) bits 4-28
Bus Address Attribute Polarity (BAAP) bit 4-27
Bus Address to Compare (BAC) bits 4-26
Bus Area 0 Wait State Control (BA0W) bits 4-23
Bus Area 1 Wait State Control (BA1W) bits 4-23
Bus Area 2 Wait State Control (BA2W) bits 4-22
Bus Area 3 Wait State Control (BA3W) bits 4-22
Bus Column In-Page Wait State (BCW) bit 4-25
Bus Control Register (BCR) 4-21
Bit Definitions 4-22
Bus Area 0 Wait State Control (BA0W) 4-23
Bus Area 1 Wait State Control (BA1W) 4-23
Bus Area 2 Wait State Control (BA2W) 4-22
Bus Area 3 Wait State Control (BA3W) 4-22
Bus Default Area Wait State Control (BDFW) 4-22
Bus Request Hold (BRH) 4-22
Bus Request Hold (BRH) bit 4-22
Bus State (BBS) bit 4-22
programming sheet B-14
Bus Default Area Wait State Control (BDFW) bits 4-22
Bus DRAM Page Size (BPS) bit 4-25
Bus Interface Unit (BIU)
Address Attribute Registers (AAR) 4-21
Bus Control Register (BCR) 4-21
DRAM Control Register (DCR) 4-21
Bus Mastership Enable (BME) bit 4-25
Bus Number of Address Bits to Compare (BNC) bits 4-26
Bus Packing Enable (BPAC) bit 4-27
Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com