Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
Index-5
Index
G
general-purpose flags for host-DSP communication 6-6
General-Purpose Input/Output (GPIO) 1-12
, 2-2, 2-17
functions 6-3
Host Data Direction Register (HDDR) 6-12
, 6-30
Host Data Register (HDR) 6-12
, 6-30
Port B 5-6
Port C 5-7
Port D 5-7
Port E 5-7
Global Data Bus (GDB) 1-10
Ground 2-3
PLL 2-3
H
HACK signal 6-18
handshaking mechanisms
HI08 6-5
hardware stack 1-8
HI08 1-12
ISR
Transmit Data Register Empty 6-25
HI08 Interrupt Priority Level (HPL) bits 4-16
Host Acknowledge Enable (HAEN) bit 6-18
Host Acknowledge Polarity (HAP) bit 6-16
Host Address Line 8 Enable (HA8EN) 6-18
Host Address Line 9 Enable (HA9EN) 6-18
, 7-19
Host Address Strobe Polarity (HASP) bit 6-17
Host Base Address Register (HBAR) 6-12
, 6-15, 6-30
programming sheet B-19
Host Chip Select Enable (HCSEN) bit 6-18
Host Chip Select Polarity (HSCP) bit 6-17
Host Command (HC) bit 6-24
Host Command Interrupt Enable (HCIE) bit 6-13
Host Command Pending (HCP) bit 6-14
Host Control Register (HCR) 6-12
, 6-28
Host Command Interrupt Enable (HCIE) 6-13
Host Flags 2,3 (HF) 6-12
Host Receive Interrupt Enable (HRIE) 6-13
Host Transmit Interrupt Enable (HTIE) 6-13
programming sheet B-20
Host Data Direction Register (HDDR) 6-3
, 6-12, 6-14
programming sheet B-31
Host Data Direction Register (HDRR) 6-30
Host Data Register (HDR) 6-12
, 6-15, 6-30
programming sheet B-31
Host Data Strobe Polarity (HDSP) bit 6-17
Host Dual Data Strobe (HDDS) bit 6-17
Host Enable (HEN) bit 6-17
Host Flag 0 (HF0) bit 6-23
Host Flag 1 (HF1) bit 6-23
Host Flag 2 (HF2) bit 6-25
Host Flag 3 (HF3) bit 6-25
Host Flags 0, 1 (HF) bits 6-14
Host Flags 2,3 (HF) bits 6-12
Host GPIO Port Enable (HGEN) bit 6-18
Host Interface (HI08) 2-2
, 2-9, 2-10, 2-12, 6-1
chip-select logic 6-16
Command Vector Register (CVR) 6-7
, 6-21
Host Command (HC) 6-24
Host Vector (HV) 6-24
programming sheet B-21
configuring host request mode 6-8
control operating mode 6-16
core communication with HI08 registers 6-11
core interrupts
host command 6-7
receive data register full 6-7
transmit data empty 6-7
data registers 6-21
data strobe 6-3
Direct Memory Access (DMA) 6-8
DMA transfers and host bus 6-8
double-buffered mechanism 6-5
DSP core 6-5
programming model 6-11
DSP core interrupts 6-6
DSP interrupt routines 6-21
DSP-side
control registers 6-12
data registers 6-12
registers after reset 6-20
DSP-to-host
data word 6-2
handshaking protocols 6-2
interrupts 6-2
mapping 6-2
transfer modes 6-2
transfers 6-5
, 6-19
dual host request enabled 6-9
dual-strobe mode 6-19
enabling host requests 6-8
external host address inputs 6-27
external host programmer’s model 6-20
four kinds of reset 6-27
four reset types 6-20
general-purpose flags for host-DSP communication 6-6
GPIO configuration options 6-14
GPIO functions 6-3
HACK signal 6-18
HACK/HRRQ handshake flags 6-21
handshaking mechanisms 6-5
handshaking protocols 6-5
choosing 6-6
Core DMA access 6-5
host request 6-5
interrupts 6-5
pros and cons of polling 6-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com