Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 282 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 282 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Index-4
Freescale Semiconductor
Index
polarity 7-11
selection 7-10
signal 7-7
, 7-9, 7-17
word length 7-11
initialization 7-6
initialization example 7-6
internally generated clock and frame sync 7-7
interrupt 7-7
Interrupt Service Routine (ISR) 7-8
interrupt trigger event 7-9
interrupts 7-7
multiple serial device selection 7-4
network enhancements 7-2
Network mode 7-2
, 7-7, 7-9, 7-19, 7-20
Normal mode 7-2
, 7-9, 7-19
On-Demand mode 7-9
, 7-14, 7-19
operating mode 7-6
, 7-9, 7-20
polling 7-7
Port Control Register (PCR) 7-6
, 7-33
Port Control Register C (PCRC) 7-33
Port Control Register D (PCRD) 7-33
Port Data Register (PDR) 7-34
Port Data Register C (PDRC) 7-34
Port Data Register D (PDRD) 7-34
Port Direction Register (PRR) 7-34
Port Direction Register C (PRRC) 7-34
Port Direction Register D (PRRD) 7-34
prescale divider 7-15
programming model 7-12
receive data interrupt request 7-27
Receive Data Register (RX) 7-12
, 7-28
Receive Shift Register 7-28
receive shift register clock output 7-4
Receive Slot Mask Register (RSM)
programming sheet B-25
Receive Slot Mask Registers (RSMA and RSMB) 7-12
,
7-32
reset 7-6
RX clock 7-10
RX frame sync 7-10
RX frame sync pulses active 7-10
select source of clock signal 7-21
Serial Clock (SCK), ESSI 7-3
Serial Control 0 (SC00 and SC10) 7-3
Serial Control 1 (SC01 and SC11) 7-4
Serial Control 2 (SC02 and SC12) 7-5
Serial Input Flag (IF0) 7-4
Serial Output Flag 0 (OF0) bit 7-4
Serial Output Flags (OF0–OF1) 7-17
Serial Receive Data (SRD) 7-3
Serial Transmit Data (STD) 7-2
SPI protocol 7-2
Synchronous mode 7-3
, 7-4, 7-10, 7-12
Synchronous Serial Interface Status Register
(SSISR) 7-12
, 7-26
bit definitions 7-27
Receive Data Register Full (RDF) 7-27
Receiver Frame Sync Flag (RFS) 7-27
Receiver Overrun Error Flag (ROE) 7-27
Serial Input Flag 0 (IF0) 7-28
Serial Input Flag 1 (IF1) 7-28
Transmit Data Register Empty (TDE) 7-27
Transmit Frame Sync Flag (TFS) 7-27
Transmitter Underrun Error Flag (TUE) 7-27
Synchronous/Asynchronous (SYN) bit 7-10
Time Slot Register (TSR) 7-8
, 7-31
Transmit Data Registers (TX0–TX2) 7-12
, 7-31
Transmit Enable (TE) 7-17
Transmit Shift Registers 7-28
Transmit Slot Mask Register (TSM)
programming sheet B-25
Transmit Slot Mask Registers (TSMA and
TSMB) 7-12
, 7-31
TX clock 7-10
variable prescaler 7-15
word length frame sync 7-11
word length frame sync timing 7-11
EOM byte 4-12
ESSI0 Interrupt Priority Level (S0L) bits 4-16
ESSI1 Interrupt Priority Level (S1L) bits 4-16
expansion memory 3-1
Extended Mode Register (EMR) 4-7
Arithmetic Saturation Mode (SM) 4-8
Cache Enable (CE) 4-8
Core Priority (CP) 4-8
DO FOREVER (FV) Flag 4-9
Rounding Mode (RM) 4-8
Sixteen-Bit Arithmetic Mode (SA) 4-8
Extension (E) bit 4-11
external address bus 2-5
external bus control 2-5
, 2-7
External Bus Disable (EBD) bit 4-14
external data bus 2-5
External Memory Expansion Port 2-5
F
frame rate divider 7-9
Frame Rate Divider Control (DC) bits 7-15
frame sync
generator 7-16
length 7-10
selection 7-10
signal 7-7
, 7-9, 7-17
Frame Sync Length (FSL) bits 7-21
Frame Sync Polarity (FSP) bit 7-20
Frame Sync Relative Timing (FSR) bit 7-21
Framing Error Flag (FE) bit 8-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com